Electronic Components Datasheet Search
  English  ▼

X  

TDF8553J Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 18Page - NXP Semiconductors TDF8553J Datasheet HTML 19Page - NXP Semiconductors TDF8553J Datasheet HTML 20Page - NXP Semiconductors TDF8553J Datasheet HTML 21Page - NXP Semiconductors TDF8553J Datasheet HTML 22Page - NXP Semiconductors TDF8553J Datasheet HTML 23Page - NXP Semiconductors TDF8553J Datasheet HTML 24Page - NXP Semiconductors TDF8553J Datasheet HTML 25Page - NXP Semiconductors TDF8553J Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
22 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
[1]
Human body model: Rs = 1.5 kΩ; C = 100 pF; all pins have passed all tests to 2500 V to guarantee 2000 V, according to class II.
[2]
Machine model: Rs =10 Ω; C = 200 pF; L = 0.75 mH; all pins have passed all tests to 250 V to guarantee 200 V, according to class II.
10. Thermal characteristics
10.1 Quality specification
In accordance with
“General Quality Specification for Integrated Circuits SNW-FQ-611D”.
VP(r)
reverse supply voltage
voltage regulator only
-
−18
V
Ptot
total power dissipation
Tcase =70 °C
-
80
W
Tj
junction temperature
-
150
°C
Tstg
storage temperature
−55
+150
°C
Tamb
ambient temperature
−40
+85
°C
Vesd
electrostatic discharge voltage
[1] -
2000
V
[2] -
200
V
Table 14.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 15.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
40
K/W
Rth(j-c)
thermal resistance from junction
to case
see Figure 11
0.75
K/W
Fig 11. Equivalent thermal resistance network
mdb514
Amplifier
0.5 K/W
0.2 K/W
1 K/W
Voltage regulator
Virtual junction
Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com