Electronic Components Datasheet Search
  English  ▼

X  

TDF8553J Datasheet(PDF) 27 Page - NXP Semiconductors

Part # TDF8553J
Description  I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8553J Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button TDF8553J Datasheet HTML 23Page - NXP Semiconductors TDF8553J Datasheet HTML 24Page - NXP Semiconductors TDF8553J Datasheet HTML 25Page - NXP Semiconductors TDF8553J Datasheet HTML 26Page - NXP Semiconductors TDF8553J Datasheet HTML 27Page - NXP Semiconductors TDF8553J Datasheet HTML 28Page - NXP Semiconductors TDF8553J Datasheet HTML 29Page - NXP Semiconductors TDF8553J Datasheet HTML 30Page - NXP Semiconductors TDF8553J Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
TDF8553J_1
© NXP B.V. 2008. All rights reserved.
Objective data sheet
Rev. 01 — 3 December 2008
27 of 47
NXP Semiconductors
TDF8553J
4
× 50 Watt power amplifier and multiple voltage regulator
IOS
output short-circuit current
RL ≤ 0.5 Ω
[5] 240
400
-
mA
Line regulation
∆V
O
output voltage variation
10 V
≤ V
P ≤ 18 V
-
3
50
mV
Load regulation
∆V
O
output voltage variation
0.5 mA
≤ I
O ≤ 800 mA
-
-
100
mV
Regulator 5 (pin REG5) display supply; IO = 5 mA unless otherwise specified
VO(reg)
regulator output voltage
0.5 mA
≤ I
O ≤ 400 mA
10 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0001
5.7
6.0
6.3
V
10 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0010
6.65
7.0
7.37
V
10 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0011
7.8
8.2
8.6
V
10.5 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0100
8.55
9.0
9.45
V
11 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0101
9.0
9.5
10.0
V
11.5 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0110
9.5
10.0
10.5
V
13 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 0111
9.9
10.4
10.9
V
14.2 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 1000
11.8
12.5
13.2
V
12.5 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 1001
VP − 1VP − 0.5 -
V
10 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 1010
4.75
5.0
5.25
V
10 V
≤ VP ≤ 18 V;
IB1[D7:D4] = 1011
3.1
3.3
3.5
V
SVRR
supply voltage rejection ratio
fripple = 120 Hz;
Vripple = 2 V (p-p)
50
60
-
dB
Vdo
dropout voltage
VP = 7 V; IB1[D7:D4] = 0010
[3]
IO = 300 mA
-
0.5
0.8
V
IO = 400 mA
-
0.7
1.2
V
IO
output current
VO ≥ 2.8 V
[4] 400
900
-
mA
IOS
output short-circuit current
RL ≤ 0.5 Ω
[5] 150
300
-
mA
Line regulation
∆VO
output voltage variation
10 V
≤ VP ≤ 18 V
-
3
50
mV
Load regulation
∆V
O
output voltage variation
0.5 mA
≤ I
O ≤ 400 mA
-
-
100
mV
Regulator 6 (pin REG6) bus control supply; IO = 5 mA unless otherwise specified
VO(reg)
regulator output voltage
0.5 mA
≤ I
O ≤ 100 mA;
10 V
≤ V
P ≤ 18 V
4.75
5.0
5.25
V
Table 16.
Characteristics …continued
Tamb =25 °C; VDCDC; VP = 14.4 V; RL =4 Ω; measured in the test circuit Figure 26; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com