Electronic Components Datasheet Search
  English  ▼

X  

CS4265 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4265
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4265 Datasheet HTML 7Page - Cirrus Logic CS4265 Datasheet HTML 8Page - Cirrus Logic CS4265 Datasheet HTML 9Page - Cirrus Logic CS4265 Datasheet HTML 10Page - Cirrus Logic CS4265 Datasheet HTML 11Page - Cirrus Logic CS4265 Datasheet HTML 12Page - Cirrus Logic CS4265 Datasheet HTML 13Page - Cirrus Logic CS4265 Datasheet HTML 14Page - Cirrus Logic CS4265 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
DS657F2
11
CS4265
6. Guaranteed by design. See Figure 2. RL and CL reflect the recommended minimum resistance and
maximum capacitance required for the internal op-amp’s stability. CL affects the dominant pole of the
internal output amp; increasing CL beyond 100 pF can cause the internal op-amp to become unstable.
DAC COMBINED INTERPOLATION & ON-CHIP ANALOG FILTER RESPONSE
7. Filter response is guaranteed by design.
8. For Single-Speed Mode, the Measurement Bandwidth is 0.5465 Fs to 3 Fs.
For Double-Speed Mode, the Measurement Bandwidth is 0.577 Fs to 1.4 Fs.
For Quad-Speed Mode, the Measurement Bandwidth is 0.7 Fs to 1 Fs.
9. De-emphasis is available only in Single-Speed Mode.
10. Response is clock dependent and will scale with Fs. Note that the amplitude vs. frequency plots of this
data (Figures 18 to 27) have been normalized to Fs and can be de-normalized by multiplying the X-axis
scale by Fs.
Parameter (Note 7,10)
Symbol
Min
Typ
Max
Unit
Combined Digital and On-chip Analog Filter Response
Single-Speed Mode
Passband (Note 7)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.35
0.4992
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.175
-
+0.01
dB
StopBand
0.5465
-
-
Fs
StopBand Attenuation
(Note 8)
50
-
-
dB
Group Delay
tgd
-
10/Fs
-
s
De-emphasis Error (Note 9)
Fs = 44.1 kHz
-
-
+0.05/-0.25
dB
Combined Digital and On-chip Analog Filter Response
Double-Speed Mode
Passband (Note 7)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.22
0.501
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.15
-
+0.15
dB
StopBand
0.5770
-
-
Fs
StopBand Attenuation
(Note 8)
55
-
-
dB
Group Delay
tgd
-
5/Fs
-
s
Combined Digital and On-chip Analog Filter Response
Quad-Speed Mode
Passband (Note 7)
to -0.1 dB corner
to -3 dB corner
0
0
-
-
0.110
0.469
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.12
-
0
dB
StopBand
0.7
-
-
Fs
StopBand Attenuation
(Note 8)
51
-
-
dB
Group Delay
tgd
-
2.5/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com