Electronic Components Datasheet Search
  English  ▼

X  

CS4265 Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS4265
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS4265 Datasheet HTML 17Page - Cirrus Logic CS4265 Datasheet HTML 18Page - Cirrus Logic CS4265 Datasheet HTML 19Page - Cirrus Logic CS4265 Datasheet HTML 20Page - Cirrus Logic CS4265 Datasheet HTML 21Page - Cirrus Logic CS4265 Datasheet HTML 22Page - Cirrus Logic CS4265 Datasheet HTML 23Page - Cirrus Logic CS4265 Datasheet HTML 24Page - Cirrus Logic CS4265 Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
DS657F2
21
CS4265
Figure 5. Format 0, Left-Justified up to 24-Bit Data
LRCK
SCLK
SDATA
+3 +2 +1
+5 +4
-1
-2
-3
-4
-5
+3 +2 +1
+5 +4
MSB
-1
-2
-3
-4
Channel A - Left
Channel B - Right
LSB
LSB
MSB
Figure 6. Format 1, I²S up to 24-Bit Data
LRCK
SCLK
SDATA
+3 +2 +1
+5 +4
MSB
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
Channel A - Left
Channel B - Right
LSB
MSB
LSB
LRCK
SCLK
SDATA
+5 +4 +3 +2 +1
-1 -2 -3 -4 -5
+5 +4 +3 +2 +1
-1 -2 -3 -4 -5
+6
-6
+6
-6
Channel A - Left
Channel B - Right
MSB
LSB
MSB
LSB
LSB
Figure 7. Format 2, Right-Justified 16-Bit Data.
Format 3, Right-Justified 24-Bit Data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com