Electronic Components Datasheet Search
  English  ▼

X  

CS4265 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4265
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4265 Datasheet HTML 35Page - Cirrus Logic CS4265 Datasheet HTML 36Page - Cirrus Logic CS4265 Datasheet HTML 37Page - Cirrus Logic CS4265 Datasheet HTML 38Page - Cirrus Logic CS4265 Datasheet HTML 39Page - Cirrus Logic CS4265 Datasheet HTML 40Page - Cirrus Logic CS4265 Datasheet HTML 41Page - Cirrus Logic CS4265 Datasheet HTML 42Page - Cirrus Logic CS4265 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
DS657F2
39
CS4265
6.6
Signal Selection - Address 06h
6.6.1
DAC SDIN Source (Bit 7)
Function:
This bit is used to select the serial audio data source for the DAC as shown in Table 11.
6.6.2
Digital Loopback (Bit 1)
Function:
When this bit is set, an internal digital loopback from the ADC to the DAC will be enabled. Please refer to
“Internal Digital Loopback” on page 28.
6.7
Channel B PGA Control - Address 07h
6.7.1
Channel B PGA Gain (Bits 5:0)
Function:
See “Channel A PGA Gain (Bits 5:0)” on page 39.
6.8
Channel A PGA Control - Address 08h
6.8.1
Channel A PGA Gain (Bits 5:0)
Function:
Sets the gain or attenuation for the ADC input PGA stage. The gain may be adjusted from -12 dB to
+12 dB in 0.5 dB steps. The gain bits are in two’s complement with the Gain0 bit set for a 0.5 dB step.
Register settings outside of the ±12 dB range are reserved and must not be used. See Table 12 for ex-
ample settings.
7
6
5
432
10
SDINSel
Reserved
Reserved
Reserved
Reserved
Reserved
LOOP
Reserved
SDINSel Setting
DAC Data Source
0SDIN1
1SDIN2
Table 11. DAC SDIN Source Selection
7
6
5
432
10
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0
7
6
5
432
10
Reserved
Reserved
Gain5
Gain4
Gain3
Gain2
Gain1
Gain0
Gain[5:0]
Setting
101000
-12 dB
000000
0 dB
011000
+12 dB
Table 12. Example Gain and Attenuation Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com