Electronic Components Datasheet Search
  English  ▼

X  

CS4265 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4265
Description  104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4265 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4265 Datasheet HTML 41Page - Cirrus Logic CS4265 Datasheet HTML 42Page - Cirrus Logic CS4265 Datasheet HTML 43Page - Cirrus Logic CS4265 Datasheet HTML 44Page - Cirrus Logic CS4265 Datasheet HTML 45Page - Cirrus Logic CS4265 Datasheet HTML 46Page - Cirrus Logic CS4265 Datasheet HTML 47Page - Cirrus Logic CS4265 Datasheet HTML 48Page - Cirrus Logic CS4265 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
DS657F2
45
CS4265
6.18.7 Mono Mode Channel Selection (Bit 0)
Function:
When this bit is cleared, channel A input data will be transmitted in both channel A and B subframes in
mono mode. When this bit is set, channel B input data will be transmitted in both channel A and B sub-
frames in Mono Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com