Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4525_08 Datasheet HTML 41Page - Cirrus Logic CS4525_08 Datasheet HTML 42Page - Cirrus Logic CS4525_08 Datasheet HTML 43Page - Cirrus Logic CS4525_08 Datasheet HTML 44Page - Cirrus Logic CS4525_08 Datasheet HTML 45Page - Cirrus Logic CS4525_08 Datasheet HTML 46Page - Cirrus Logic CS4525_08 Datasheet HTML 47Page - Cirrus Logic CS4525_08 Datasheet HTML 48Page - Cirrus Logic CS4525_08 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 98 page
background image
DS726PP3
45
CS4525
6.1.7
Powered PWM Outputs
The CS4525’s 3 internal modulators can be used to generate multiple powered PWM output configura-
tions to enable a wide variety of system implementations. The CS4525 also implements PWM Popguard
to minimize output transients in half-bridge configurations.
6.1.7.1
Output Channel Configurations
Three PWM power output configurations are supported as shown in Table 8 below. The configurations
support stereo full-bridge, stereo half-bridge with full-bridge sub, and mono parallel full-bridge output.
The configurations are selected by the OutputCfg[1:0] bits in the Output Cfg register and must only be
changed when the device is in power-down mode (the PDnAll bit is set). Any attempt to write the Out-
putCfg[1:0] bits while the device is powered-up will be ignored.
It should be noted that signals on channels 1, 2 and the sub channel are dependent upon the digital sound
processing blocks being used. For instance, if the 2-way crossover is enabled, channel 1 and 2 contain
the 2-way crossover channel A high- and low-pass outputs respectively. For more information, see the
Digital Sound Processing section and Figure 14 on page 29.
6.1.7.2
PWM Popguard Transient Control
The CS4525 uses Popguard technology to minimize the effects of power-up and power-down output tran-
sients commonly produced by half-bridge, single supply amplifiers implemented with external DC-block-
ing capacitors connected in series with the audio outputs.
The PWM Popguard feature operates by linearly ramping the PWM power outputs up to and down from
their bias point of VP/2 when a channel is powered up and down respectively using the PDnOutX or PD-
nAll bits. This gradual voltage ramp minimizes output transients while the DC blocking capacitor is
OutputCfg[1:0]
Power Configuration
Output Signal
Output Pin(s)
00
2 Ch. Full-Bridge
Channel 1 +
Channel 1 -
Channel 2 +
Channel 2 -
OUT1
OUT2
OUT3
OUT4
01
2 Ch. Half-Bridge
+
1 Ch. Full-Bridge
Channel 1 +
Channel 2 +
Sub Channel +
Sub Channel -
OUT1
OUT2
OUT3
OUT4
10
1 Ch. Parallel Full-Bridge
Channel 1 +
Channel 1 -
OUT1, OUT2
OUT3, OUT4
Table 8. PWM Power Output Configurations
Referenced Control
Register Location
OutputCfg[1:0]..................... “Output Configuration (OutputCfg[1:0])” on page 73
PDnAll ................................. “Power Down (PDnAll)” on page 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com