Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 4 Page - Cirrus Logic

  CS4525_08 Datasheet HTML 1Page - Cirrus Logic CS4525_08 Datasheet HTML 2Page - Cirrus Logic CS4525_08 Datasheet HTML 3Page - Cirrus Logic CS4525_08 Datasheet HTML 4Page - Cirrus Logic CS4525_08 Datasheet HTML 5Page - Cirrus Logic CS4525_08 Datasheet HTML 6Page - Cirrus Logic CS4525_08 Datasheet HTML 7Page - Cirrus Logic CS4525_08 Datasheet HTML 8Page - Cirrus Logic CS4525_08 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
4
DS726PP3
CS4525
6.2.2.2 Power-Down Sequence ............................................................................................ 55
6.2.3 Input Source Selection .......................................................................................................... 55
6.2.4 PWM Channel Delay ............................................................................................................ 55
6.2.5 Digital Signal Flow ................................................................................................................ 56
6.2.5.1 High-Pass Filter ........................................................................................................ 56
6.2.5.2 Mute Control ............................................................................................................. 56
6.2.5.3 Warning and Error Reporting .................................................................................... 56
6.2.6 Thermal Foldback ................................................................................................................. 57
6.2.7 Automatic Power Stage Shut-Down ..................................................................................... 58
6.3 PWM Modulators and Sample Rate Converters ............................................................................ 58
6.4 Output Filters ................................................................................................................................. 59
6.4.1 Half-Bridge Output Filter ....................................................................................................... 59
6.4.2 Full-Bridge Output Filter (Stereo or Parallel) ........................................................................ 60
6.5 Analog Inputs ................................................................................................................................. 61
6.6 Serial Audio Interfaces ................................................................................................................... 62
6.6.1 I²S Data Format .................................................................................................................... 62
6.6.2 Left-Justified Data Format .................................................................................................... 62
6.6.3 Right-Justified Data Format .................................................................................................. 63
6.7 Integrated VD Regulator ................................................................................................................ 63
6.8 I²C Control Port Description and Timing ........................................................................................ 64
7. PCB LAYOUT CONSIDERATIONS ..................................................................................................... 65
7.1 Power Supply, Grounding .............................................................................................................. 65
7.2 Output Filter Layout ....................................................................................................................... 65
7.3 QFN Thermal Pad .......................................................................................................................... 65
8. REGISTER QUICK REFERENCE ........................................................................................................ 66
9. REGISTER DESCRIPTIONS ................................................................................................................ 69
9.1 Clock Configuration (Address 01h) ................................................................................................ 69
9.1.1 SYS_CLK Output Enable (EnSysClk) ................................................................................... 69
9.1.2 SYS_CLK Output Divider (DivSysClk) .................................................................................. 69
9.1.3 Clock Frequency (ClkFreq[1:0]) ............................................................................................ 69
9.1.4 HP_Detect/Mute Pin Active Logic Level (HP/MutePol) ......................................................... 70
9.1.5 HP_Detect/Mute Pin Mode (HP/Mute) .................................................................................. 70
9.1.6 Modulator Phase Shifting (PhaseShift) ................................................................................. 70
9.1.7 AM Frequency Shifting (FreqShift) ....................................................................................... 70
9.2 Input Configuration (Address 02h) ................................................................................................. 71
9.2.1 Input Source Selection (ADC/SP) ......................................................................................... 71
9.2.2 ADC High-Pass Filter Enable (EnAnHPF) ............................................................................ 71
9.2.3 Serial Port Sample Rate (SPRate[1:0]) - Read Only ............................................................ 71
9.2.4 Input Serial Port Digital Interface Format (DIF [2:0]) ............................................................ 71
9.3 AUX Port Configuration (Address 03h) .......................................................................................... 72
9.3.1 Enable Aux Serial Port (EnAuxPort) ..................................................................................... 72
9.3.2 Delay & Warning Port Configuration (DlyPortCfg[1:0]) ......................................................... 72
9.3.3 Aux/Delay Serial Port Digital Interface Format (AuxI²S/LJ) .................................................. 72
9.3.4 Aux Serial Port Right Channel Data Select (RChDSel[1:0]) ................................................. 72
9.3.5 Aux Serial Port Left Channel Data Select (LChDSel[1:0]) .................................................... 73
9.4 Output Configuration (Address 04h) ............................................................................................. 73
9.4.1 Output Configuration (OutputCfg[1:0]) .................................................................................. 73
9.4.2 PWM Signals Output Data Select (PWMDSel[1:0]) .............................................................. 73
9.4.3 Channel Delay Settings (OutputDly[3:0]) .............................................................................. 73
9.5 Foldback and Ramp Configuration (Address 05h) ......................................................................... 74
9.5.1 Select VP Level (SelectVP) .................................................................................................. 74
9.5.2 Enable Thermal Foldback (EnTherm) ................................................................................... 74
9.5.3 Lock Foldback Adjust (LockAdj) ...........................................................................................74
9.5.4 Foldback Attack Delay (AttackDly[1:0]) ................................................................................ 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com