Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS4525_08 Datasheet HTML 48Page - Cirrus Logic CS4525_08 Datasheet HTML 49Page - Cirrus Logic CS4525_08 Datasheet HTML 50Page - Cirrus Logic CS4525_08 Datasheet HTML 51Page - Cirrus Logic CS4525_08 Datasheet HTML 52Page - Cirrus Logic CS4525_08 Datasheet HTML 53Page - Cirrus Logic CS4525_08 Datasheet HTML 54Page - Cirrus Logic CS4525_08 Datasheet HTML 55Page - Cirrus Logic CS4525_08 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
52
DS726PP3
CS4525
Table 12. Output of PWM_SIG Outputs
Table 12 describes the exact output of the PWM_SIG output pins based on the input to the
HP_DETECT/MUTE pin and the settings of the HiZPSig, HP/Mute, BassMgr[2:0], and PWMDSel[1:0]
bits. In all configurations, the active logic input level is determined by the HP/MutePol bit.
HiZPSig
Setting
HP/Mute
Setting
HP_DETECT
/MUTE Input
BassMgr [2:0]
Setting
PWMDSel [1:0]
Setting
PWM_SIG1
Output
PWM_SIG2
Output
0
X
X
X
X
High Impedance High Impedance
1
X
X
X
00 (Disabled)
Driven Low
Driven Low
0
(Mute
Mode)
Not Active
000
(Disabled)
01
Channel 1
Channel 2
10
Channel 1
Mute
11
Channel 2
Mute
001 through 111
01
Channel 1
Channel 2
10
Channel 1
Sub Channel
11
Channel 2
Sub Channel
Active
X
01, 10, or 11
Mute
Mute
1
(Head-
phone
Mode)
Not Active
X
01, 10, or 11
Mute
Mute
Active
000
(Disabled)
01
Channel 1*
Channel 2**
10
Channel 1*
Mute
11
Channel 2**
Mute
001 through 111
01, 10, or 11
Channel 1*
Channel 2**
*Signals denoted with one asterisk do not have Bass Manager, 2-Way Crossover, or Channel Mix applied.
**Signals denoted with two asterisks do not have Bass Manager or 2-Way Crossover applied.
Referenced Control
Register Location
HP/Mute .............................. “HP_Detect/Mute Pin Mode (HP/Mute)” on page 70
HP/MutePol ......................... “HP_Detect/Mute Pin Active Logic Level (HP/MutePol)” on page 70
PWMDSel[1:0]..................... “PWM Signals Output Data Select (PWMDSel[1:0])” on page 73
LChMix[1:0] ......................... “Left Channel Mixer (LChMix[1:0])” on page 76
RChMix[1:0] ........................ “Right Channel Mixer (RChMix[1:0])” on page 76
En2Way............................... “Enable 2-Way Crossover (En2Way)” on page 81
BassMgr[2:0] ....................... “Bass Cross-Over Frequency (BassMgr[2:0])” on page 79
HiZPSig ............................... “Hi-Z PWM_SIG Outputs (HiZPSig)” on page 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com