Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS4525_08 Datasheet HTML 45Page - Cirrus Logic CS4525_08 Datasheet HTML 46Page - Cirrus Logic CS4525_08 Datasheet HTML 47Page - Cirrus Logic CS4525_08 Datasheet HTML 48Page - Cirrus Logic CS4525_08 Datasheet HTML 49Page - Cirrus Logic CS4525_08 Datasheet HTML 50Page - Cirrus Logic CS4525_08 Datasheet HTML 51Page - Cirrus Logic CS4525_08 Datasheet HTML 52Page - Cirrus Logic CS4525_08 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 98 page
background image
DS726PP3
49
CS4525
6.1.8.5
PWM_SIG Logic-Level Output Configurations
Four channel mapping output configurations are supported for the PWM_SIG output pins as shown in
Table 10 below. The configurations support stereo, channel 1 with sub, and channel 2 with sub applica-
tions. When disabled, the PWM_SIG pins will continuously drive a logic ‘0’ if the HiZPSig bit is set and will
be held in a high-impedance state if the HiZPSig bit is clear. The configurations are selected by the PW-
MDSel[1:0] bits in the Output Cfg register. The PWM_SIG2 can be configured to output the sub channel
even if the Bass Manager is not enabled; however, its signal will be muted unless the Bass Manager is
enabled by the BassMgr[2:0] bits. It should be noted that the HiZPSig bit must be set to enable the
PWM_SIG output drivers.
To allow stereo headphone operation when the PWM logic-level outputs are mapped in a non-stereo out-
put configuration, if the HP_DETECT/MUTE pin is configured for headphone detection (the HP/Mute bit
is set), the PWM logic-level output mapping can be affected by the active state of the headphone detection
input signal. See the Headphone Detection & Hardware Mute Input section on page 51 for more informa-
tion.
It should be noted that signal on channels 1, 2, and the sub channel are dependent upon the digital sound
processing blocks being used. For instance, if the 2-way crossover is enabled, channel 1 and 2 contain
the 2-way crossover channel A high- and low-pass outputs respectively. For more information, see the
Digital Sound Processing section and Figure 14 on page 29.
PWMDSel[1:0]
PWM_SIG1
PWM_SIG2
00
Disabled.
Disabled.
01
Channel 1
Channel 2
10
Channel 1
Sub Channel
11
Channel 2
Sub Channel
Table 10. PWM Logic-Level Output Configurations
Referenced Control
Register Location
PWMDSel[1:0]..................... “PWM Signals Output Data Select (PWMDSel[1:0])” on page 73
HiZPSig ............................... “Hi-Z PWM_SIG Outputs (HiZPSig)” on page 79
HP/Mute .............................. “HP_Detect/Mute Pin Mode (HP/Mute)” on page 70
BassMgr[2:0] ....................... “Bass Cross-Over Frequency (BassMgr[2:0])” on page 79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com