Electronic Components Datasheet Search
  English  ▼

X  

CS5460A Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS5460A Datasheet HTML 45Page - Cirrus Logic CS5460A Datasheet HTML 46Page - Cirrus Logic CS5460A Datasheet HTML 47Page - Cirrus Logic CS5460A Datasheet HTML 48Page - Cirrus Logic CS5460A Datasheet HTML 49Page - Cirrus Logic CS5460A Datasheet HTML 50Page - Cirrus Logic CS5460A Datasheet HTML 51Page - Cirrus Logic CS5460A Datasheet HTML 52Page - Cirrus Logic CS5460A Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
CS5460A
DS487F4
49
allow the corresponding bit in the Status Register to activate the INT pin when the status bit becomes active.
IC
Invalid Command. Normally logic 1. Set to logic 0 when the part is given an invalid command.
Can be deactivated only by sending a port initialization sequence to the serial port (or by exe-
cuting a software/hardware reset). When writing to the Status Register, this bit is ignored.
LSD
Low Supply Detect. Set when the voltage at the PFMON pin falls below the low-voltage thresh-
old (PMLO), with respect to VA- pin. For a given part, PMLO can be as low as 2.3 V. LSD bit
cannot be permanently reset until the voltage at PFMON pin rises back above the high-voltage
threshold (PMHI), which is typically 100mV above the device’s low-voltage threshold. PMHI will
never be greater than 2.7 V.
IOD
Modulator oscillation detect on the current channel. Set when the modulator oscillates due to
an input above Full Scale. Note that the level at which the modulator oscillates is significantly
higher than the current channel’s Differential Input Voltage Range.
VOD
Modulator oscillation detect on the voltage channel. Set when the modulator oscillates due to
an input above Full Scale. Note that the level at which the modulator oscillates is significantly
higher than the current channel’s Differential Input Voltage Range.
Note:
The IOD and VOD bits may be ‘falsely’ triggered by very brief voltage spikes from the
power line. This event should not be confused with a DC overload situation at the
inputs, when the IOD and VOD bits will re-assert themselves even after being
cleared, multiple times.
WDT
Watch-Dog Timer. Set when there has been no reading of the Energy Register for more than
5 seconds. (MCLK = 4.096 MHz, K = 1) To clear this bit, first read the Energy Register, then
write to the Status Register with this bit set to logic '1'. When MCLK/K is not 4.096 MHz, the
time duration is 5 * [4.096 MHz / (MCLK/K)] seconds.
ID3:0
Revision/Version Identification.
EOOR
The internal EOUT Energy Accumulation Register went out of range. Note that the EOUT En-
ergy Accumulation Register is different than the Energy Register available through the serial
port. This register cannot be read by the user. Assertion of this bit can be caused by having
an output rate that is too small for the power being measured. The problem can be corrected
by specifying a higher frequency in the Pulse-Rate Register.
EOR
Energy Out of Range. Set when the Energy Register overflows, because the amount of energy
that has been accumulated during the pending computation cycle is greater than the register’s
highest allowable positive value or below the register’s lowest allowable negative value.
VROR
RMS Voltage Out of Range. Set when the calibrated RMS voltage value is too large to fit in the
RMS Voltage Register.
IROR
RMS Current Out of Range. Set when the calibrated RMS current value is too large to fit in the
RMS Current Register.
PWOR
Power Calculation Out of Range. Set when the magnitude of the calculated power is too large
to fit in the Instantaneous Power Register.
VOR
Voltage Out of Range.
IOR
Current Out of Range. Set when the magnitude of the calibrated current value is too large or
too small to fit in the Instantaneous Current Register.
MATH
General computation Indicates that a divide operation overflowed. This can happen normally
in the course of computation. If this bit is asserted but no other bits are asserted, then there is
no error, and this bit should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com