Electronic Components Datasheet Search
  English  ▼

X  

CS5460A Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS5460A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5460A Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS5460A Datasheet HTML 40Page - Cirrus Logic CS5460A Datasheet HTML 41Page - Cirrus Logic CS5460A Datasheet HTML 42Page - Cirrus Logic CS5460A Datasheet HTML 43Page - Cirrus Logic CS5460A Datasheet HTML 44Page - Cirrus Logic CS5460A Datasheet HTML 45Page - Cirrus Logic CS5460A Datasheet HTML 46Page - Cirrus Logic CS5460A Datasheet HTML 47Page - Cirrus Logic CS5460A Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
CS5460A
44
DS487F4
5. REGISTER DESCRIPTIONS
Note:
1.
** “default” => bit status after software or hardware reset
2. Note that all registers can be read from, and written to.
5.1 Configuration Register
Address: 0
Default** = 0x000001
K[3:0]
Clock divider. A 4 bit binary number used to divide the value of MCLK to generate the internal
clock DCLK. The internal clock frequency is DCLK = MCLK/K. The value of K can range be-
tween 1 and 16. Note that a value of “0000” will set K to 16 (not zero).
iCPU
Inverts the CPUCLK clock. In order to reduce the level of noise present when analog signals
are sampled, the logic driven by CPUCLK should not be active during the sample edge.
0 = normal operation (default)
1 = minimize noise when CPUCLK is driving rising edge logic
IHPF
Control the use of the High Pass Filter on the Current Channel.
0 = High-pass filter is disabled. If VHPF is set, use all-pass filter. Otherwise, no filter is used.
(default)
1 = High-pass filter is enabled.
VHPF
Control the use of the High Pass Filter on the voltage Channel.
0 = High-pass filter is disabled. If IHPF is set, use all-pass filter. Otherwise, no filter is used.
(default)
1 = High-pass filter enabled
23
22
21
20
19
18
17
16
PC6
PC5
PC4
PC3
PC2
PC1
PC0
Gi
15
14
13
12
11
10
9
8
EWA
Res
Res
SI1
SI0
EOD
DL1
DL0
7
654
32
10
RS
VHPF
IHPF
iCPU
K3
K2
K1
K0
Current
Channel
Voltage
Channel
Cycle-Counter Registe
Status Register (1 × 24)
Serial Interface
Mask Register (1 × 24)
Unsigned Output Registers (2 × 24)
(I
, V
)
Command Word
State Machine
Transmit Buffer
Receive Buffer
Signed Output Registers (4 × 24)
(I, V, P, E)
RMS
RMS
24-Bit
SDI
CS
SDO
SCLK
INT
AC Offset Register (1 x 24)
AC Offset Register (1 x 24)
Control Register (1 x 24)
Power Offset Register (1 x 24)
Configuration Register (1 × 24)
Pulse-Rat e Register (1 × 24)
Offset Register (1 × 24)
DC
Offset Register (1 × 24)
DC
Gain Register (1 × 24)
AC/DC
Gain Register (1 × 24)
AC/DC
r(1 × 24)
Timebase Cal. Register (1 x 24)
Figure 21. CS5460A Register Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com