Electronic Components Datasheet Search
  English  ▼

X  

CS5461A Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS5461A
Description  Single Phase, Bi-directional Power/Energy IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5461A Datasheet(HTML) 5 Page - Cirrus Logic

  CS5461A Datasheet HTML 1Page - Cirrus Logic CS5461A Datasheet HTML 2Page - Cirrus Logic CS5461A Datasheet HTML 3Page - Cirrus Logic CS5461A Datasheet HTML 4Page - Cirrus Logic CS5461A Datasheet HTML 5Page - Cirrus Logic CS5461A Datasheet HTML 6Page - Cirrus Logic CS5461A Datasheet HTML 7Page - Cirrus Logic CS5461A Datasheet HTML 8Page - Cirrus Logic CS5461A Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
CS5461A
DS661F2
5
1. OVERVIEW
The CS5461A is a CMOS monolithic power measurement device with a computation engine and an en-
ergy-to-frequency pulse output. The CS5461A combines a programmable-gain amplifier, two
∆Σ ana-
log-to-digital converters (ADCs), system calibration and a computation engine on a single chip.
The CS5461A is designed for power measurement applications and is optimized to interface to a cur-
rent-sense resistor or transformer for current measurement, and to a resistive divider or potential trans-
former for voltage measurement. The voltage and current channels provide programmable gains to
accommodate various input levels from a wide variety of sensing elements. With single +5 V supply on
VA+/AGND, both of the CS5461A’s input channels can accommodate common mode as well as signal
levels between (AGND - 0.25 V) and VA+.
Additionally, the CS5461A is equipped with a computation engine that calculates IRMS, VRMS, apparent
power and active (real) power. To facilitate communication to a microprocessor, the CS5461A includes a
simple three-wire serial interface which is SPI™ and Microwire™ compatible. The CS5461A provides
three outputs for energy registration. E1 and E2 are designed to directly drive a mechanical counter or
stepper motor, or interface to a microprocessor. The pulse output E3 is designed to assist with meter cal-
ibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com