Electronic Components Datasheet Search
  English  ▼

X  

CS8422-DNZR Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS8422-DNZR
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZR Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS8422-DNZR Datasheet HTML 9Page - Cirrus Logic CS8422-DNZR Datasheet HTML 10Page - Cirrus Logic CS8422-DNZR Datasheet HTML 11Page - Cirrus Logic CS8422-DNZR Datasheet HTML 12Page - Cirrus Logic CS8422-DNZR Datasheet HTML 13Page - Cirrus Logic CS8422-DNZR Datasheet HTML 14Page - Cirrus Logic CS8422-DNZR Datasheet HTML 15Page - Cirrus Logic CS8422-DNZR Datasheet HTML 16Page - Cirrus Logic CS8422-DNZR Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
DS692PP1
13
CS8422
2. CHARACTERISTICS AND SPECIFICATIONS
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical per-
formance characteristics and specifications are derived from measurements taken at nominal supply voltages and
TA = 25° C.)
RECOMMENDED OPERATING CONDITIONS
GND = 0 V, all voltages with respect to 0 V.
ABSOLUTE MAXIMUM RATINGS
DGND = AGND = 0 V; all voltages with respect to 0 V. Operation beyond these limits may result in permanent
damage to the device. Normal operation is not guaranteed at these extremes.
Notes:
1.
Transient currents of up to 100 mA will not cause SCR latch-up.
Parameter
Symbol
Min
Nominal
Max
Units
Power Supply Voltage
VL
VA
V_REG
1.71
3.135
3.135
3.3
3.30
3.30
5.25
3.465
3.465
V
V
V
Ambient Operating Temperature:
Commercial Grade
Automotive Grade
TA
-40
-40
-
-
+85
+105
°C
°C
Parameter
Symbol
Min
Max
Units
Power Supply Voltage
VL
VA
V_REG
-0.3
-0.3
-0.3
6.0
4.3
4.3
V
V
V
Input Current, Any Pin Except Supplies (Note 1)
Iin
-±10
mA
Input Voltage, Any Pin Except RXP[1:0], RXN[1:0], or
RX[3:0]
Vin
-0.3
VL+0.4
V
Input Voltage, RXP[1:0], RXN[1:0], or RX[3:0]
Vin
-0.3
VA+0.4
V
Ambient Operating Temperature (power applied)
TA
-55
+125
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com