Electronic Components Datasheet Search
  English  ▼

X  

CS8422-DNZR Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS8422-DNZR
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZR Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS8422-DNZR Datasheet HTML 35Page - Cirrus Logic CS8422-DNZR Datasheet HTML 36Page - Cirrus Logic CS8422-DNZR Datasheet HTML 37Page - Cirrus Logic CS8422-DNZR Datasheet HTML 38Page - Cirrus Logic CS8422-DNZR Datasheet HTML 39Page - Cirrus Logic CS8422-DNZR Datasheet HTML 40Page - Cirrus Logic CS8422-DNZR Datasheet HTML 41Page - Cirrus Logic CS8422-DNZR Datasheet HTML 42Page - Cirrus Logic CS8422-DNZR Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 82 page
background image
DS692PP1
39
CS8422
7.4.1
Hardware Mode Control
In Hardware Mode, the default master clock source for the SRC is the internal ring oscillator. Therefore,
it is not necessary to apply an external MCLK source for the SRC. Optionally the user may select the PLL
clock as the SRC MCLK source by connecting a 20 k
Ω pull-up resistor between MCLK_OUT and VL.
7.4.2
Software Mode Control
In Software Mode, the SRC master clock source is selected by the SRC_MCLK[1:0] bits in the “SRC Out-
put Serial Port Clock Control (08h)” register. If the XTI clock is selected as the SRC MCLK and XTI is tied
to VL or DGND and XTO is left unconnected, then the internal ring oscillator will take the place of the XTI-
XTO clock source.
If the selected SRC MCLK source is XTI-XTO, and is greater that 33 MHz, the user can enable the internal
clock divide-by-two by setting the SRC_DIV bit in control port register 08h. See “SRC Output Serial Port
Clock Control (08h)” on page 51 for more details.
8. HARDWARE MODE CONTROL
The CS8422 provides a stand-alone hardware control mode in which the part does not require an I²C or SPI control
port. In Hardware Mode, the user is provided with a subset of the features available in Software Mode as shown in
Figure 21. The part will be in Hardware Mode if there is a 20 k
Ω pull-up resistor connected between the C pin and
VL upon reset.
Controlling the CS8422 in Hardware Mode is done through dedicated control inputs, 20 k
Ω pull-up or pull-down re-
sistors attached to dual-purpose pins, and by attaching a specific resistor values from one of two dedicated control
pins (SAOF and MS_SEL) to either VL or ground. In the case of SAOF and MS_SEL, the resistor should be con-
nected as close to the pin as possible and should have a tolerance no greater than ±1%. Dedicated controls
(TX_SEL and RX_SEL) can be changed during operation whereas pull-up resistor controls are sensed on startup.
Figure 21 shows clock routing options available in Hardware Mode. Control signal names are in italics and are de-
scribed in the table below.
RXP/RXN0
RXP/RXN1
Receiver
Clock
Recovery
(PLL)
Sam ple
Rate
Converter
Serial
Audio
Output
2
OLR CK1
OSCLK1
SDOU T1
TDM _IN1
OLR CK2
OSCLK2
SDOU T2
Serial
Audio
Output
1
2
2
RX_SEL
TX_SEL
TX
Ring O scillator
(RMCK Pull-Up)
2:1
MUX
(M C LK_O U T Pull-up)
Clock
Generator
XTI XTO
MCLK_O UT
2:1
MUX
2:1
MUX
MS_SEL
SAOF
M S_SEL
SA OF
RM CK
2:1
MUX
Figure 21. Hardware Mode Clock Routing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com