Electronic Components Datasheet Search
  English  ▼

X  

CS8422-DNZR Datasheet(PDF) 21 Page - Cirrus Logic

Part # CS8422-DNZR
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZR Datasheet(HTML) 21 Page - Cirrus Logic

Back Button CS8422-DNZR Datasheet HTML 17Page - Cirrus Logic CS8422-DNZR Datasheet HTML 18Page - Cirrus Logic CS8422-DNZR Datasheet HTML 19Page - Cirrus Logic CS8422-DNZR Datasheet HTML 20Page - Cirrus Logic CS8422-DNZR Datasheet HTML 21Page - Cirrus Logic CS8422-DNZR Datasheet HTML 22Page - Cirrus Logic CS8422-DNZR Datasheet HTML 23Page - Cirrus Logic CS8422-DNZR Datasheet HTML 24Page - Cirrus Logic CS8422-DNZR Datasheet HTML 25Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
DS692PP1
21
CS8422
SWITCHING CHARACTERISTICS - CONTROL PORT - I²C MODE
Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF.
Notes:
16. Data must be held for sufficient time to bridge the transition time, tfc, of SCL.
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
500
-
µs
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling (Note 16)
thdd
10
-
ns
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc, trd
-
1000
ns
Fall Time SCL and SDA
tfc, tfd
-300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
tack
300
1000
ns
t
buf
t
hdst
t
lo w
t
hd d
t
high
t
su d
Sto p
S t a r t
SDA
SC L
t
irs
RS T
t
hdst
t
rc
t
fc
t sust
t susp
St a r t
Sto p
Re p e a t e d
t
rd
t
fd
t
ack
Figure 6. I²C Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com