Electronic Components Datasheet Search
  English  ▼

X  

CS8422-DNZR Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS8422-DNZR
Description  24-bit, 192 kHz, Asynchronous Sample Rate Converter with
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8422-DNZR Datasheet(HTML) 2 Page - Cirrus Logic

  CS8422-DNZR Datasheet HTML 1Page - Cirrus Logic CS8422-DNZR Datasheet HTML 2Page - Cirrus Logic CS8422-DNZR Datasheet HTML 3Page - Cirrus Logic CS8422-DNZR Datasheet HTML 4Page - Cirrus Logic CS8422-DNZR Datasheet HTML 5Page - Cirrus Logic CS8422-DNZR Datasheet HTML 6Page - Cirrus Logic CS8422-DNZR Datasheet HTML 7Page - Cirrus Logic CS8422-DNZR Datasheet HTML 8Page - Cirrus Logic CS8422-DNZR Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 82 page
background image
2
DS692PP1
CS8422
System Features
SPI™ or I²C® Software Mode and Stand-Alone
Hardware Mode
Flexible 3-wire Digital Serial Audio Input Port
Dual Serial Audio Output Ports with
Independently Selectable Data Paths
Master or Slave Mode Operation for all Serial
Audio Ports
Time Division Multiplexing (TDM) Mode
Integrated Oscillator for use with External
Crystal
Four General-purpose Output Pins (GPO)
+3.3 V Analog Supply (VA)
+1.8 V to 5.0 V Digital Interface (VL)
Space-saving 32-pin QFN Package
General Description
The CS8422 is a 24-bit, high-performance, monolithic
CMOS stereo asynchronous sample rate converter with
an integrated digital audio interface receiver that de-
codes audio data according to the EIAJ CP1201, IEC-
60958, AES3, and S/PDIF interface standards.
Audio data is input through the digital interface receiver
or a 3-wire serial audio input port. Audio is output
through one of two 3-wire serial audio output ports. Se-
rial audio data outputs can be set to 24, 20, 18, or 16-bit
word-lengths. Data into the digital interface receiver and
serial audio input port can be up to 24-bits long. Input
and output data can be completely asynchronous, syn-
chronous to an external clock through XTI, or
synchronous to the recovered master clock.
The CS8422 can be controlled through the control port
in Software Mode or in a Stand-Alone Hardware Mode.
In Software Mode, the user can control the device
through an SPI or I²C control port.
Target applications include digital recording systems
(DVD-R/RW, CD-R/RW, PVR, DAT, MD, and VTR), dig-
ital
mixing
consoles,
high-quality
D/A,
effects
processors, computer audio systems, and automotive
audio systems.
The CS8422 is available in a space-saving QFN pack-
age in both Commercial (-40° C to +85° C) and
Automotive (-40° C to +105° C) grades. The CDB4822
is also available for device evaluation and implementa-
tion suggestions. Please refer to “Ordering Information”
on page 80 for complete details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com