Electronic Components Datasheet Search
  English  ▼

X  

ML5805DM-T Datasheet(PDF) 3 Page - RF Micro Devices

Part # ML5805DM-T
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805DM-T Datasheet(HTML) 3 Page - RF Micro Devices

  ML5805DM-T Datasheet HTML 1Page - RF Micro Devices ML5805DM-T Datasheet HTML 2Page - RF Micro Devices ML5805DM-T Datasheet HTML 3Page - RF Micro Devices ML5805DM-T Datasheet HTML 4Page - RF Micro Devices ML5805DM-T Datasheet HTML 5Page - RF Micro Devices ML5805DM-T Datasheet HTML 6Page - RF Micro Devices ML5805DM-T Datasheet HTML 7Page - RF Micro Devices ML5805DM-T Datasheet HTML 8Page - RF Micro Devices ML5805DM-T Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional device operation is not implied. Operating the device for any
length of time beyond the operating conditions may degrade device performance and/or shorten operating lifetime.
VCC ..........................................................................................................................................................VSS-0.3 to 3.6 V
VCC_PA ...................................................................................................................................................VSS-0.3 to 4.5 V
Junction Temperature............................................................................................................................................... 150°C
Storage Temperature Range ...................................................................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10s).......................................................................................................................... 260°C
OPERATING CONDITIONS
Ambient Temperature Range (TA) ............................................................................................................... -10°C to 60°C
VCC Range [VDD (pin 9), VCCSYN (pin 13), VCCPLL (pin 19), VCCA (pin27)]............................................2.8V to 3.6V
VCC_PA Range [VCC_PA (pin31)]..................................................................................................................3.0V to 4.5V
Thermal Resistance (
θJA)....................................................................................................................................... 36°C/W
ELECTRICAL CHARACTERISTICS
Unless otherwise specified TA = 25°C and the supply voltage is VCC=3.3V, VCC_PA=3.6V, RISET=381 Ohm,
FREF=12.288MHz, DATA RATE=1.536Mbps, all measurements are normalized to the IC pins.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
ISTBY
Supply current, STANDBY mode
DC supply connected,
XCEN low, RXON high
2
μA
IRX
Supply current, RECEIVE mode
RX chain active, data
being received
69
mA
ITX
Transmit supply current at VCC pins
77
mA
POUT=+21dBm
100
mA
ITXPA
VCC_PA pin
POUT=+18dBm
1
78
mA
SYNTHESIZER
IP
Charge Pump sink/source current
±0.2
mA
VTUNE
VCO input voltage
0.3
2.5
V
From EN asserted to RX
valid data (RX) or PAON
high (TX)
110
μsec
tFH
Lock time for any in band frequency
change
NOIVCOC = 1
(no incremental VCO cal)
55
μsec
PN
Phase noise
@ 100 kHz
@ 1 MHz
@ 2 MHz
@ 10 MHz
-85
-116
-122
-134
dBc/Hz
1 Contact factory for configuration settings for this power setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com