Electronic Components Datasheet Search
  English  ▼

X  

ML5805DM-T Datasheet(PDF) 4 Page - RF Micro Devices

Part # ML5805DM-T
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805DM-T Datasheet(HTML) 4 Page - RF Micro Devices

  ML5805DM-T Datasheet HTML 1Page - RF Micro Devices ML5805DM-T Datasheet HTML 2Page - RF Micro Devices ML5805DM-T Datasheet HTML 3Page - RF Micro Devices ML5805DM-T Datasheet HTML 4Page - RF Micro Devices ML5805DM-T Datasheet HTML 5Page - RF Micro Devices ML5805DM-T Datasheet HTML 6Page - RF Micro Devices ML5805DM-T Datasheet HTML 7Page - RF Micro Devices ML5805DM-T Datasheet HTML 8Page - RF Micro Devices ML5805DM-T Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
4
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Data Rate=1.5360,
1.7554, and 2.0480Mbps
12.288
MHz
fFREF
Reference signal frequency
Data Rate=576,
1,152Kbps
13.824
MHz
VFREF
Reference signal input level
Clipped sine, AC coupled
0.5
VP-P
RECEIVER
FRXI
Receive input frequency range
5.725
5.850
GHz
ZRX
Input Impedance
100 Ohm Differential
Ω
FSTEP
Channel Spacing
Data Rate=1.1520Mbps
Data Rate=1.5360Mbps
Data Rate=1.7554Mbps
Data Rate=2.0480Mbps
1.728
2.048
4.096
4.096
MHz
SRXI
Input Sensitivity
<0.1%BER@1.1520Mbps
<0.1%BER@1.5360Mbps
<0.1%BER@1.7554Mbps
<0.1%BER@2.0480Mbps
-97
-97
-97
-96
dBm
PIN
RF Input Power
<0.1%BER@ 1.1520Mbps,
1.5360Mbps, 1.7554Mbps,
and 2.0480Mbps
+10
dBm
TSLICE
Data Slicer Time Constant
DATASEL= VIH
DATASEL= VIL
6
300
uS
uS
PRXI
RX conducted emissions at RXI
RXI terminated in 50 ohms
-50
dBm
IRR
RX Chain Image rejection ratio
28
dB
ACR
RX adjacent channel(s) rejection
Wanted signal = -80dBm, PN20,
CW Interfering signal, 0.1% BER
±1 channel offset
±2 channels offset
±3 or more channels offset
15
40
45
dB
dB
dB
CCR
Co-Channel rejection, 0.1% BER
Wanted signal = -80dBm,
Unwanted signal is GFSK
modulated with 1.536Mbps
PRBS data, BT=0.9
-9
dB
RSSI
tR_RSSI
RSSI rise time, 20% to 80%
20pF loading on RSSI pin
RF off to -15dBm
5
10
μsec
tF_RSSI
RSSI fall time, 80% to 20%
20pF loading on RSSI pin
–15dBm to RF off
5
10
μsec
VRSMX
RSSI maximum voltage
-10 dBm into RXI
2.7
V
VRSMD
RSSI midrange voltage
-40 dBm into RXI
2.5
V
VRSMN
RSSI minimum voltage
No signal applied
0.2
V
GRSSI
RSSI sensitivity
(V-40dBm – V-50dBm)/10dB
35
mV/dB
RSSI accuracy
Deviation from best fit
straight line
±3
dB
TRANSMITTER
FTXO
Transmit input frequency range
5.725
5.850
GHz
PTXO
TX output power at 5.8GHz
Matched into 50 ohms
21
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com