Electronic Components Datasheet Search
  English  ▼

X  

ML5805DM-T Datasheet(PDF) 7 Page - RF Micro Devices

Part # ML5805DM-T
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805DM-T Datasheet(HTML) 7 Page - RF Micro Devices

Back Button ML5805DM-T Datasheet HTML 3Page - RF Micro Devices ML5805DM-T Datasheet HTML 4Page - RF Micro Devices ML5805DM-T Datasheet HTML 5Page - RF Micro Devices ML5805DM-T Datasheet HTML 6Page - RF Micro Devices ML5805DM-T Datasheet HTML 7Page - RF Micro Devices ML5805DM-T Datasheet HTML 8Page - RF Micro Devices ML5805DM-T Datasheet HTML 9Page - RF Micro Devices ML5805DM-T Datasheet HTML 10Page - RF Micro Devices ML5805DM-T Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
7
PIN
SIGNAL
NAME
I/O
FUNCTION
DIAGRAM
27
VCCA
PWR/I
3.3VDC power supply input
N/A
30
VBG_PA
PWR/O
(Decouple)
1.13VDC bandgap voltage output. Place
capacitor between this pin and ground to
decouple (bypass) noise
N/A
31
VCC_PA
PWR/I
Unregulated Battery DC Power Supply Input
N/A
32
VREGPA
PWR/O
(Decouple)
Programmable 3.6VDC/3.4VDC/3.3VDC
regulator output. Place capacitor between this
pin and ground to decouple (bypass) noise
and to stabilize the regulator.
N/A
33
VREGIF
PWR/O
(Decouple)
2.7VDC regulator output. Place capacitor
between this pin and ground to decouple
(bypass) noise and to stabilize the regulator.
N/A
TRANSMIT PINS
4
DIN
I (CMOS)
Transmit Data Input.
DIN
VSSD
VDD
VSSD
VDD
VSSD
VDD
28
TXO
O (analog)
TX RF open-collector output. Connect this pin
to VREGPA using an (RF blocking) inductor
29
ISET
I (analog)
TX ISET resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com