Electronic Components Datasheet Search
  English  ▼

X  

ML5805DM-T Datasheet(PDF) 9 Page - RF Micro Devices

Part # ML5805DM-T
Description  5.8GHz Variable Data Rate FSK Transceiver with Integrated PA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

ML5805DM-T Datasheet(HTML) 9 Page - RF Micro Devices

Back Button ML5805DM-T Datasheet HTML 5Page - RF Micro Devices ML5805DM-T Datasheet HTML 6Page - RF Micro Devices ML5805DM-T Datasheet HTML 7Page - RF Micro Devices ML5805DM-T Datasheet HTML 8Page - RF Micro Devices ML5805DM-T Datasheet HTML 9Page - RF Micro Devices ML5805DM-T Datasheet HTML 10Page - RF Micro Devices ML5805DM-T Datasheet HTML 11Page - RF Micro Devices ML5805DM-T Datasheet HTML 12Page - RF Micro Devices ML5805DM-T Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
ML5805
RF MICRO DEVICES®, RFMD®, OPTIMUM TECHNOLOGY MATCHING®, ENABLING WIRELESS CONNECTIVITY™, POWERSTAR®, POLARIS™ TOTAL RADIO™ ULTIMATEBLUE™ AND FASTWAVE™ ARE TRADEMARKS OF RFMD, LLC. BLUETOOTH IS A TRADEMARK OWNED BY
BLUETOOTH SIG, INC., U.S.A. AND LICENSED FOR USE BY RFMD. ALL OTHER TRADE NAMES, TRADEMARKS AND REGISTERED TRADEMARKS ARE THE PROPERTY OF THEIR RESPECTIVE OWNERS. ©2006, RF MICRO DEVICES, INC.
PRELIMINARY DATA SHEET
APRIL 2008
EDS-106041 REV P01
7628 THORNDIKE ROAD, GREENSBORO, NC 27409-9421 · FOR SALES OR TECHNICAL
REV A1 DS071026 SUPPORT, CONTACT RFMD AT (+1) 336-678-5570 OR SALES-SUPPORT@RFMD.COM
9
37
AOUT
O (analog)
Analog data output.
38
DOUT
O (CMOS)
Serial digital output after demodulation, bit rate
filtering and center data slicing. CMOS levels
with controlled slew rates.
OE
(output enable)
OEH
(high drive output enable)
VSSD
VDD
DOUT
VSSD
VDD
VSSD
VDD
39
DATASEL
-or-
PLL_Lock
I/O (CMOS)
When TCMOD = 4 or 5, this pin becomes an
input and it controls the time constant of the
data slicer.
When TCMOD = 4 or 5;
DATASEL= VIH selects 6uS time constant
DATASEL= VIL selects 300uS time constant
-else-
When TCMOD is not set to value 4 or 5, this pin
becomes the PLL Lock/Unlock output
PLL_Lock = VOH indicates PLL is locked
PLL_Lock = VOL indicates PLL is not locked
VSSD
VDD
DATASEL
OE
(input enable)
OE
(output enable)
VSSD
VDD
VSSD
VDD
MODE CONTROL AND INTERFACE LINES
1
XCEN
I (CMOS)
Transceiver Enable input. Enables the
bandgap reference and voltage regulators
when high, enabling normal control functions.
Consumes only leakage current in STANDBY
mode when low.
Operating mode = VIH
Standby mode = VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com