Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT25DF641
Description  64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT25DF641 Datasheet HTML 6Page - ATMEL Corporation AT25DF641 Datasheet HTML 7Page - ATMEL Corporation AT25DF641 Datasheet HTML 8Page - ATMEL Corporation AT25DF641 Datasheet HTML 9Page - ATMEL Corporation AT25DF641 Datasheet HTML 10Page - ATMEL Corporation AT25DF641 Datasheet HTML 11Page - ATMEL Corporation AT25DF641 Datasheet HTML 12Page - ATMEL Corporation AT25DF641 Datasheet HTML 13Page - ATMEL Corporation AT25DF641 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
3680E–DFLASH–12/08
AT25DF641 [Preliminary]
Figure 7-2.
Read Array - 0Bh Opcode
Figure 7-3.
Read Array - 03h Opcode
7.2
Dual-Output Read Array
The Dual-Output Read Array command is similar to the standard Read Array command and can
be used to sequentially read a continuous stream of data from the device by simply providing the
clock signal once the initial starting address has been specified. Unlike the standard Read Array
command, however, the Dual-Output Read Array command allows two bits of data to be clocked
out of the device on every clock cycle rather than just one.
The Dual-Output Read Array command can be used at any clock frequency up to the maximum
specified by f
RDDO. To perform the Dual-Output Read Array operation, the CS pin must first be
asserted and the opcode of 3Bh must be clocked into the device. After the opcode has been
clocked in, the three address bytes must be clocked in to specify the starting address location of
the first byte to read within the memory array. Following the three address bytes, a single
dummy byte must also be clocked into the device.
After the three address bytes and the dummy byte have been clocked in, additional clock cycles
will result in data being output on both the SO and SIO pins. The data is always output with the
MSB of a byte first, and the MSB is always output on the SO pin. During the first clock cycle, bit
7 of the first data byte will be output on the SO pin while bit 6 of the same data byte will be output
on the SIO pin. During the next clock cycle, bits 5 and 4 of the first data byte will be output on the
SO and SIO pins, respectively. The sequence continues with each byte of data being output
after every four clock cycles. When the last byte (7FFFFFh) of the memory array has been read,
SCK
CS
SI
SO
MSB
MSB
23
1
0
00001011
67
5
410 11
9
812
39
42 43
41
40
37 38
33
36
35
34
31 32
29 30
44
47 48
46
45
OPCODE
AAAA
AAA
A A
MSB
XXXXXXX X
MSB
MSB
DDDDDDD D
D
D
ADDRESS BITS A23-A0
DON'T CARE
DATA BYTE 1
HIGH-IMPEDANCE
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000011
67
5
410 11
9
812
37 38
33
36
35
34
31 32
29 30
39 40
OPCODE
AAAA
AAA
A A
MSB
MSB
DDDDDDD D
D
D
ADDRESS BITS A23-A0
DATA BYTE 1
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com