Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 58 Page - ATMEL Corporation

Part # AT25DF641
Description  64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641 Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button AT25DF641 Datasheet HTML 51Page - ATMEL Corporation AT25DF641 Datasheet HTML 52Page - ATMEL Corporation AT25DF641 Datasheet HTML 53Page - ATMEL Corporation AT25DF641 Datasheet HTML 54Page - ATMEL Corporation AT25DF641 Datasheet HTML 55Page - ATMEL Corporation AT25DF641 Datasheet HTML 56Page - ATMEL Corporation AT25DF641 Datasheet HTML 57Page - ATMEL Corporation AT25DF641 Datasheet HTML 58Page - ATMEL Corporation AT25DF641 Datasheet HTML 59Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
58
3680E–DFLASH–12/08
AT25DF641 [Preliminary]
19. Revision History
Revision Level – Release Date
History
A – December 2007
Initial release.
B – February 2008
Minor text edits throughout document
Changed Standby Current values
– Increased typical value from 10 µA to 25 µA
– Increased maximum value from 20 µA to 35 µA
Changed minimum Clock High Time and minimum Clock Low Time
from 3.7 ns to 4.3 ns
C – June 2008
Replaced the technical illustration (16S2) with the correct one (16S)
on page 55.
D – November 2008
Added Errata (Section 18) regarding Erase Suspend and AC
Characteristics.
Corrected clock frequency values in Table 6-1.
E – December 2008
Changed Standby Current value
– Increased maximum value from 35 µA to 50 µA
Changed Deep Power-Down Current values
– Increased typical value from 1 µA to 5 µA
– Increased maximum value from 5 µA to 10 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com