Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT25DF641
Description  64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641 Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT25DF641 Datasheet HTML 51Page - ATMEL Corporation AT25DF641 Datasheet HTML 52Page - ATMEL Corporation AT25DF641 Datasheet HTML 53Page - ATMEL Corporation AT25DF641 Datasheet HTML 54Page - ATMEL Corporation AT25DF641 Datasheet HTML 55Page - ATMEL Corporation AT25DF641 Datasheet HTML 56Page - ATMEL Corporation AT25DF641 Datasheet HTML 57Page - ATMEL Corporation AT25DF641 Datasheet HTML 58Page - ATMEL Corporation AT25DF641 Datasheet HTML 59Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
57
3680E–DFLASH–12/08
AT25DF641 [Preliminary]
18. Errata
18.1
Erase Suspend
Issue: Parts may not program correctly if a device is in the Erase Suspend state.
Workaround: None. It is recommended to not use the Byte/Page Program commands (opcodes
02h and A2h) during an Erase Suspend state. Systems should resume from Erase Suspend first
before attempting to program a device.
Resolution: The Erase Suspend feature is being fixed with a new revision of the device. Please
contact Atmel for the estimated availability of devices with the fix.
18.2
AC Characteristics – Maximum Clock Frequencies for Read Operations
Issue: Devices currently do not meet the maximum specified clock frequency for the following
read operations: Read Array, Read Sector Protection Registers, Read Sector Lockdown Regis-
ters, Read OTP Security Register, Read Status Register, and Read Manufacturer and Device
ID. Reading at clock frequencies higher than those listed below could cause read errors.
Workaround: None. Devices are limited to the clock frequencies specified above.
Resolution: The clock frequency issues are being fixed with a new revision of the device.
Please contact Atmel for the estimated availability of devices with the fix.
Symbol
Opcodes Affected
Datasheet Specification
Errata Specification
f
MAX
1Bh, 3Ch, 35h, 77h, 05h
100 MHz
66 MHz
fCLK
0Bh, 9Fh
85 MHz
66 MHz
fRDLF
03h
50 MHz
33 MHz
f
RDDO
3Bh
85 MHz
66 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com