Electronic Components Datasheet Search
  English  ▼

X  

AT25DF641 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT25DF641
Description  64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF641 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT25DF641 Datasheet HTML 38Page - ATMEL Corporation AT25DF641 Datasheet HTML 39Page - ATMEL Corporation AT25DF641 Datasheet HTML 40Page - ATMEL Corporation AT25DF641 Datasheet HTML 41Page - ATMEL Corporation AT25DF641 Datasheet HTML 42Page - ATMEL Corporation AT25DF641 Datasheet HTML 43Page - ATMEL Corporation AT25DF641 Datasheet HTML 44Page - ATMEL Corporation AT25DF641 Datasheet HTML 45Page - ATMEL Corporation AT25DF641 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
42
3680E–DFLASH–12/08
AT25DF641 [Preliminary]
12. Other Commands and Functions
12.1
Reset
In some applications, it may be necessary to prematurely terminate a program or erase cycle
early rather than wait the hundreds of microseconds or milliseconds necessary for the program
or erase operation to complete normally. The Reset command allows a program or erase opera-
tion in progress to be ended abruptly and returns the device to an idle state. Since the need to
reset the device is immediate, the Write Enable command does not need to be issued prior to
the Reset command being issued. Therefore, the Reset command operates independently of
the state of the WEL bit in the Status Register.
The Reset command can only be executed if the command has been enabled by setting the
Reset Enabled (RSTE) bit in the Status Register to a logical “1”. If the Reset command has not
been enabled (the RSTE bit is in the logical “0” state), then any attempts at executing the Reset
command will be ignored.
To perform a Reset, the CS pin must first be asserted and the opcode of F0h must be clocked
into the device. No address bytes need to be clocked in, but a confirmation byte of D0h must be
clocked into the device immediately after the opcode. Any additional data clocked into the device
after the confirmation byte will be ignored. When the CS pin is deasserted, the program or erase
operation currently in progress will be terminated within a time of t
RST. Since the program or
erase operation may not complete before the device is reset, the contents of the page being pro-
grammed or the block being erased cannot be guaranteed to be valid.
The Reset command has no effect on the states of the Sector Protection Registers, the Sector
Lockdown Registers, or the SPRL, RSTE, and SLE bits in the Status Register. The WEL, PS,
and ES bits, however, will be reset back to their default states. If a Reset operation is performed
while a sector is erase suspended, the suspend operation will abort, and the contents of the
block being erased in the suspended sector will be left in an undefined state. If a Reset is per-
formed while a sector is program suspended, the suspend operation will abort, and the contents
of the page that was being programmed and subsequently suspended will be undefined. The
remaining pages in the 64-Kbyte sector will retain their previous contents.
The complete opcode and confirmation byte must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on an even byte boundary (multiples of eight
bits); otherwise, no Reset operation will be performed.
Figure 12-1. Reset
SCK
CS
SI
SO
MSB
23
1
0
1111000
67
5
4
OPCODE
CONFIRMATION BYTE IN
10 11
9
814 15
13
12
0
MSB
110100
0
0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com