Electronic Components Datasheet Search
  English  ▼

X  

MH1 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MH1
Description  1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1 Datasheet(HTML) 1 Page - ATMEL Corporation

  MH1 Datasheet HTML 1Page - ATMEL Corporation MH1 Datasheet HTML 2Page - ATMEL Corporation MH1 Datasheet HTML 3Page - ATMEL Corporation MH1 Datasheet HTML 4Page - ATMEL Corporation MH1 Datasheet HTML 5Page - ATMEL Corporation MH1 Datasheet HTML 6Page - ATMEL Corporation MH1 Datasheet HTML 7Page - ATMEL Corporation MH1 Datasheet HTML 8Page - ATMEL Corporation MH1 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Rev. 4138G–AERO–05/04
Features
• Up to 1.6 Million Used Gates and 596 Pads, with 3.3V, 3V, and 2.5V Libraries
• High Speed - 170 ps Gate Delay - 2 Input NAND, FO = 2 (Nominal)
• System Level Integration Technology Cores on Request
• SRAM and TRAM (Gate Level or Embedded)
• I/O Interfaces:
– 5V Tolerant/Compliant (S) or 3V (R) Matrix Options
– CMOS, LVTTL, LVDS, PCI, USB
– Output Currents Programmable from 2 to 24 mA, by Step of 2 mA
• 250 MHz PLL (On Request), 220 MHz LVDS and 800 MHz Max Toggle Frequency at 3.3V
• Deep Submicron CAD Flow
• QML Q with SMD 5962-01B01
Description
The MH1 Gate Array and Embedded Array families from Atmel are fabricated on a
0.35 micron CMOS process, with up to 4 levels of metal. This family features arrays
with up to 1.6 million routable gates and 596 pads. The high density cores and/or high
pin count capabilities of the MH1 family, coupled with the ability to embed memories
on the same silicon, make the MH1 series of arrays one of the best choices for Sys-
tem Level Integration.
The MH1 series is supported by an advanced software environment based on industry
standards linking proprietary and commercial tools. Verilog®, DFT®, Synopsys® and
Vital are the reference front end tools. The Cadence® ‘Logic Design Planner’ floor
planning associated with timing driven layout provides an efficient back end cycle.
The MH1 series comes as a dual use of the MH1RT series, without the latch up and
total dose immunity features.
The MH1 series comes as the Atmel seventh generation of ASIC series designed for
military and avionics types of applications in a 15-year time frame.
It is also made available to any of the currently available quality grades: commercial,
industrial, automotive and military.
1.6M Used Gates
0.35 µm CMOS
Sea of Gates/
Embedded Array
MH1


Similar Part No. - MH1

ManufacturerPart #DatasheetDescription
logo
Heyco.
MH1 HEYCO-MH1 Datasheet
104Kb / 1P
Shorty Cable Holders
logo
SOVICO corp.
MH1 SOVICO-MH1 Datasheet
146Kb / 1P
Wireless Hand Type Microphone
logo
FLEXTRAL
MH10 FLEXTRAL-MH10 Datasheet
370Kb / 1P
MH10 Black Flex-Blast
V04.21
MH10-050 FLEXTRAL-MH10-050 Datasheet
370Kb / 1P
MH10 Black Flex-Blast
V04.21
MH10-050SBSB050-AL FLEXTRAL-MH10-050SBSB050-AL Datasheet
370Kb / 1P
MH10 Black Flex-Blast
V04.21
More results

Similar Description - MH1

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
0.25關m Sea of Gates and Customer Structured Arrays
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
0.35 關m Sea of Gates Arrays
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
CMOS AND GATES
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
CMOS NOR Gates
CD4012A TI-CD4012A Datasheet
200Kb / 4P
CMOS NAND Gates
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MH1RT ATMEL-MH1RT_07 Datasheet
239Kb / 20P
Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com