Electronic Components Datasheet Search
  English  ▼

X  

MH1 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # MH1
Description  1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button MH1 Datasheet HTML 2Page - ATMEL Corporation MH1 Datasheet HTML 3Page - ATMEL Corporation MH1 Datasheet HTML 4Page - ATMEL Corporation MH1 Datasheet HTML 5Page - ATMEL Corporation MH1 Datasheet HTML 6Page - ATMEL Corporation MH1 Datasheet HTML 7Page - ATMEL Corporation MH1 Datasheet HTML 8Page - ATMEL Corporation MH1 Datasheet HTML 9Page - ATMEL Corporation MH1 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
MH1
4138G–AERO–05/04
ASIC Design
Translation
Atmel has successfully translated existing designs from most major ASIC vendors (LSI
Logic®, Motorola®, SMOS™, Oki®, NEC®, Fujitsu® and others) into the gate arrays.
These designs have been optimized for speed and gate count and modified to add logic
or memory, or replicated for a pin-to-pin compatible, drop-in replacement.
Design Entry
Design entry is performed by the customer using an Atmel ASIC library. A complete
netlist and vector set must then be provided to Atmel. Upon acceptance of this data set,
Atmel continues with the standard design flow.
FPGA and PLD
Conversions
Atmel has successfully translated existing FPGA/PLD designs from most major ven-
dors (Xilinx®, Actel™ and others) into the gate arrays. There are four primary reasons to
convert from an FPGA/PLD to a gate array. Conversion of high volume devices for a
single or combined design is cost effective. Performance can often be optimized for
speed or low power consumption. Several FPGA/PLDs can be combined onto a single
chip to minimize cost while reducing on-board space requirements. Finally, in situations
where an FPGA/PLD was used for fast cycle time prototyping, a gate array may pro-
vide a lower cost answer for long-term volume production.
MH1 Series Cell
Library
Atmel’s MH1 Series gate arrays make use of an extensive library of macro cell struc-
tures, including logic cells, buffers and inverters, multiplexers, decoders, and I/O
options. Soft macros are also available.
The MH1 Series PLL operates at frequencies of up to 250 MHz with minimal phase error
and jitter, making it ideal for frequency synthesis of high speed on-chip clocks and chip
to chip synchronization.
These cells are well characterized by use of SPICE modeling at the transistor level, with
performance verified on manufactured test arrays. Characterization is performed over
the rated temperature and voltage ranges to ensure that the simulation accurately pre-
dicts the performance of the finished product.
Cells
Number of Cells
Logic Cells
95
I/O Buffers
3V or 2.5V or 3.3V
5V Tolerant
5V Compliant
110
36
70
Specific Cells
LVDS, PCI
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com