Electronic Components Datasheet Search
  English  ▼

X  

MH1RT Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MH1RT
Description  Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1RT Datasheet(HTML) 1 Page - ATMEL Corporation

  MH1RT Datasheet HTML 1Page - ATMEL Corporation MH1RT Datasheet HTML 2Page - ATMEL Corporation MH1RT Datasheet HTML 3Page - ATMEL Corporation MH1RT Datasheet HTML 4Page - ATMEL Corporation MH1RT Datasheet HTML 5Page - ATMEL Corporation MH1RT Datasheet HTML 6Page - ATMEL Corporation MH1RT Datasheet HTML 7Page - ATMEL Corporation MH1RT Datasheet HTML 8Page - ATMEL Corporation MH1RT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
• Up to 1.6M Used Gates and 596 Pads with 3.3V, 3V and 2.5V Libraries
• High Speed - 170 ps Gate Delay - 2 Input NAND, FO = 2 (nominal)
• System Level Integration Technology Cores on Request
• Memories: SRAM and TPRAM, Gate Level or Embedded, with EDAC
• I/O Interfaces:
– 5V Tolerant/Compliant (S) or 3V (R) Matrix Options
– CMOS, LVTTL, LVDS, PCI, USB, etc.
– Output Currents Programmable from 2 to 24 mA, by Step of 2 mA
– Cold Sparing Buffers (2 µA Max. Leakage Current at 3.6V Worst Case Mil Temp.)
• 250 MHz PLL (on request), 220 MHz LVDS and 800 MHz Max. Toggle Frequency at 3.3V
• Deep Submicron CAD Flow
• ESD better than 2000V
• No Single Event Latch-Up below an LET Threshold of 80 MeV/mg/cm2
• SEU Hardened Flip-flops
• Tested Up to a Total Dose of 300 Krad (Si) according to Mil STD 883 Method 1019
• Quality Grades
- QML Q and V with SMD 5962-01B01
- ESCC QML with ESCC 9202 / 076
Description
The MH1RT Gate Array and Embedded Array families from Atmel are fabricated on a
radiation hardened 0.35 micron CMOS process, with up to 4 levels of metal for inter-
connect. This family features arrays with up to 1.6 million routable gates and 596
pads. The high density and high pin count capabilities of the MH1RT family, coupled
with the ability to embed cores or memories on the same silicon, make the MH1RT
series of arrays one of the best choices for System Level Integration.
The MH1RT series is supported by an advanced software environment based on
industry standards linking proprietary and commercial tools. Verilog®, DFT®, Synop-
sys® and Vital are the reference front end tools. The Cadence® ‘Logic Design Planner’
floor planning associated with timing driven layout provides an efficient back end
cycle.
The MH1RT series comes as a dual use of the MH1 series, adding:
- through process changes, the latch-up susceptibility better than 80 MeV/mg/cm2 and
the 300 Krad (Si) radiation level as required by most space programs.
- through cells relayout, an SEU built-in protection allowing to SEU harden only where
it is necessary with respect to function requirements
With a background of 15 years experience, the MH1RT series comes as the Atmel
7th generation of ASIC series designed for radiation hardened applications.
4110K–AERO–11/07
Rad Hard
1.6M Used
Gates 0.35 µm
CMOS Sea of
Gates/
Embedded
Array
MH1RT


Similar Part No. - MH1RT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MH1RT ATMEL-MH1RT Datasheet
789Kb / 22P
Radiation Tolerant 0.35 um CMOS
MH1RT ATMEL-MH1RT_14 Datasheet
481Kb / 19P
Memories: SRAM and TPRAM, Gate Level or Embedded, with EDAC
More results

Similar Description - MH1RT

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MG113P OKI-MG113P Datasheet
278Kb / 22P
0.25關m Sea of Gates and Customer Structured Arrays
MSM13Q OKI-MSM13Q Datasheet
227Kb / 20P
0.35 關m Sea of Gates Arrays
logo
Texas Instruments
CD4073B TI-CD4073B Datasheet
223Kb / 5P
CMOS AND GATES
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4002BPW TI-CD4002BPW Datasheet
523Kb / 12P
CMOS NOR Gates
CD4012A TI-CD4012A Datasheet
200Kb / 4P
CMOS NAND Gates
logo
ATMEL Corporation
MG2 ATMEL-MG2 Datasheet
208Kb / 13P
350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RT ATMEL-MG2RT Datasheet
211Kb / 13P
Rad Tolerant 350K Used Gates 0.5 關m CMOS Sea of Gates
MG2RTP ATMEL-MG2RTP Datasheet
162Kb / 14P
Rad Hard 190K Used Gates 0.5 關m CMOS Sea of Gates
MH1 ATMEL-MH1 Datasheet
259Kb / 17P
1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com