Electronic Components Datasheet Search
  English  ▼

X  

MH1RT Datasheet(PDF) 5 Page - ATMEL Corporation

Part # MH1RT
Description  Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1RT Datasheet(HTML) 5 Page - ATMEL Corporation

  MH1RT Datasheet HTML 1Page - ATMEL Corporation MH1RT Datasheet HTML 2Page - ATMEL Corporation MH1RT Datasheet HTML 3Page - ATMEL Corporation MH1RT Datasheet HTML 4Page - ATMEL Corporation MH1RT Datasheet HTML 5Page - ATMEL Corporation MH1RT Datasheet HTML 6Page - ATMEL Corporation MH1RT Datasheet HTML 7Page - ATMEL Corporation MH1RT Datasheet HTML 8Page - ATMEL Corporation MH1RT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
4110K–AERO–11/07
MH1RT
Pin Definition
Requirements
The corner pads are reserved for Power and Ground only. All other pads are fully programmable
as Input, Output, Bidirectional, Power or Ground. When implementing a design with 5V compli-
ant buffers, one buffer site must be reserved for the VDD5 pin, which is used to distribute power to
the buffers.
Figure 2. Gate Array
Figure 3. Embedded Array
I/O Site: Pad and
Sub-Sections
The I/O sites can be configured as input, output, 3-state output and bidirectional buffers, each
with pullup or pulldown capability, if required, by utilizing their corresponding sub-section. Bidi-
rectionnal buffers are the result of an input and output buffers placed in adjacent sub-sections in
the same I/O site. Special buffers may require multiple I/O sites. Oscillators require 2 I/O sites,
each power and ground pin utilizes one I/O site.
PCI Buffers
PCI compatible input and output buffers are available for each bias voltage, 3V and 5V.
LVDS Buffers
Each LVDS buffer uses 2 I/O sites.
LVDS drivers are specific for each bias voltage and require one external current bias resistor per
chip; LVDS receiver is the same for all bias voltages and requires 1 external line matching 100 Ω
resistor per receiver.
Cold Sparing
It is the use of twice the same chip, A1 and A2, A1 ON and A2 OFF, with all signal pins/pads
connected by pairs, A1I1 with A2I1, A101 with A201,...
SRAM
Core
Core
Standard
Gate Array
Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com