Electronic Components Datasheet Search
  English  ▼

X  

ACS8525P Datasheet(PDF) 39 Page - Semtech Corporation

Part # ACS8525P
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525P Datasheet(HTML) 39 Page - Semtech Corporation

Back Button ACS8525P Datasheet HTML 35Page - Semtech Corporation ACS8525P Datasheet HTML 36Page - Semtech Corporation ACS8525P Datasheet HTML 37Page - Semtech Corporation ACS8525P Datasheet HTML 38Page - Semtech Corporation ACS8525P Datasheet HTML 39Page - Semtech Corporation ACS8525P Datasheet HTML 40Page - Semtech Corporation ACS8525P Datasheet HTML 41Page - Semtech Corporation ACS8525P Datasheet HTML 42Page - Semtech Corporation ACS8525P Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 112 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/August 2005 © Semtech Corp.
Page 39
www.semtech.com
ACS8525 LC/P
Table 15 Register Map
Register Name
Data Bit
RO = Read Only
R/W = Read/Write
7 (MSB)
654321
0 (LSB)
chip_id (RO)
00 4D
chip_id[7:0], 8 LSBs of Chip ID
01 21
chip_id[15:8], 8 MSBs of Chip ID
chip_revision (RO)
02 00
chip_revision[7:0]
test_register1 (R/W)
03 14 Phase_alarm
Disable_180
Resync_
analog
Set to 0
8K Edge
Polarity
Set to 0
Set to 0
test_register2 (R/W)
04 12
Do not use
sts_interrupts (R/W)
05 FF
status_SEC2_
DIFF
status_SEC1_
DIFF
status_SEC2_
TTL
status_SEC1_
TTL
06 3F operating_
mode
DPLL1_main_
ref_failed
status_SEC3
sts_current_DPLL_frequency,
see OC/OD
07 00
Bits [18:16] of sts_current_DPLL_frequency
sts_interrupts (R/W)
08 10 Sync_alarm_
int
sts_operating_mode (RO)
09 01 Sync_alarm
DPLL2_Lock
DPLL1_freq_
soft_alarm
DPLL2_freq_
soft_alarm
DPLL1_operating_mode
sts_priority_table (RO)
0A 00
Highest priority validated source
Currently selected source
0B 00
3rd highest priority validated source
2nd highest priority validated source
sts_current_DPLL_frequency[7:0] 0C 00
Bits [7:0] of sts_current_DPLL_frequency
(RO)
[15:8] 0D 00
Bits [15:8] of sts_current_DPLL_frequencyy
[18:16] 07 00
Bits [18:16] of sts_current_DPLL_frequency
sts_sources_valid (RO)
0E 00
SEC2 DIFF
SEC1 DIFF
SEC2 TTL
SEC1 TTL
0F 00
SEC3
sts_reference_sources (RO)
Alarm Status on inputs:
SEC1 & SEC2 TTL 11 22
No Activity
SEC2 TTL
Phase Lock
SEC2 TTL
No Activity
SEC1 TTL
Phase Lock
SEC1 TTL
SEC1 & SEC2 DIFF 12 22
No Activity
SEC2 DIFF
Phase Lock
SEC2 DIFF
No Activity
SEC1 DIFF
Phase Lock
SEC1 DIFF
SEC3 14 22
No Activity
SEC3
Phase Lock
SEC3
cnfg_ref_selection_priority (R/W)
SEC1 & SEC2 TTL
19 32
programmed_priority_SEC2_TTL
programmed_priority_SEC1_TTL
SEC1 & SEC2 DIFF 1A 00
programmed_priority_SEC2_DIFF
programmed_priority_SEC1_DIFF
SEC3 1C 04
programmed_priority_SEC3
cnfg_ref_source_frequency_
<input> (R/W), where <input> =
SEC1 TTL 22 00 divn_SEC1 TTL lock8k_SEC1
TTL
Bucket_id_SEC1 TTL
reference_source_frequency_SEC1 TTL
SEC2 TTL 23 00 divn_SEC2 TTL lock8k_SEC2
TTL
Bucket_id_SEC2 TTL
reference_source_frequency_SEC2 TTL
SEC1 DIFF 24 03 divn_SEC1
DIFF
lock8k_SEC1
DIFF
Bucket_id_SEC1 DIFF
reference_source_frequency_SEC1 DIFF
SEC2 DIFF 25 03 divn_SEC2
DIFF
lock8k_SEC2
DIFF
Bucket_id_SEC2 DIFF
reference_source_frequency_SEC2 DIFF
SEC3 28 03 divn_SEC3
lock8k_SEC3
Bucket_id_SEC3
reference_source_frequency_SEC3
cnfg_operating_mode (R/W)
32 00
DPLL1_operating_mode
force_select_reference_source
(R/W)
33 0F
forced_select_SEC_input
cnfg_input_mode (R/W)
34 CA auto_extsync_
en
phalarm_
timeout
XO_ edge
extsync_en
ip_sonsdhb
reversion_
mode
cnfg_DPLL2_path (R/W)
35 A0
DPLL2_dig_
feedback
cnfg_differential_inputs (R/W)
36 03
SEC2_DIFF_
PECL
SEC1_DIFF_
PECL
cnfg_dig_outputs_sonsdh (R/W)
38 04
dig2_sonsdh
dig1_sonsdh
cnfg_digtial_frequencies (R/W)
39 08
digital2_frequency
digital1_frequency
cnfg_differential_output (R/W)
3A C2
Output O1 _LVDS_PECL
cnfg_auto_bw_sel
3B 98 auto_BW_sel
DPLL1_lim_int
cnfg_nominal_frequency
[7:0] 3C 99
Bits[7:0] of cnfg_nominal_frequency
(R/W)
[15:8] 3D 99
Bits[15:8] of cnfg_nominal_frequency
cnfg_DPLL_freq_limit (R/W) [7:0] 41 76
Bits[7:0] of cnfg_DPLL_freq_limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com