Electronic Components Datasheet Search
  English  ▼

X  

ACS8525P Datasheet(PDF) 62 Page - Semtech Corporation

Part # ACS8525P
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525P Datasheet(HTML) 62 Page - Semtech Corporation

Back Button ACS8525P Datasheet HTML 58Page - Semtech Corporation ACS8525P Datasheet HTML 59Page - Semtech Corporation ACS8525P Datasheet HTML 60Page - Semtech Corporation ACS8525P Datasheet HTML 61Page - Semtech Corporation ACS8525P Datasheet HTML 62Page - Semtech Corporation ACS8525P Datasheet HTML 63Page - Semtech Corporation ACS8525P Datasheet HTML 64Page - Semtech Corporation ACS8525P Datasheet HTML 65Page - Semtech Corporation ACS8525P Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 112 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/August 2005 © Semtech Corp.
Page 62
www.semtech.com
ACS8525 LC/P
Address (hex):
3C
Register Name cnfg_nominal_frequency
[7:0]
Description
(R/W) Bits [7:0] of the register
used to calibrate the crystal
oscillator used to clock the
device.
Default Value
1001 1001
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
cnfg_nominal_frequency_value[7:0]
Bit No.
Description
Bit Value
Value Description
[7:0]
cnfg_nominal_frequency_value[7:0].
-
See register description of Reg. 3D
(cnfg_nominal_frequency_value[15:8]).
Address (hex):
3D
Register Name cnfg_nominal_frequency
[15:8]
Description
(R/W) Bits [15:8] of the register
used to calibrate the crystal
oscillator used to clock the
device.
Default Value
1001 1001
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
cnfg_nominal_frequency_value[15:8]
Bit No.
Description
Bit Value
Value Description
[7:0]
cnfg_nominal_frequency_value[15:8]
This register is used in conjunction with Reg. 3C
(cnfg_nominal_frequency_value[7:0].) to be able to
offset the frequency of the crystal oscillator by up to
+514 ppm and –771 ppm. The default value
represents 0 ppm offset from 12.800 MHz.
This value is an unsigned integer.
The value in Reg. 3C/3D is used within the DPLL to
offset the frequency value used in the DPLL only.
This means that the value programmed will affect
the value reported in the
sts_current_DPLL_frequency (Reg. 07/0D/0C). IIt
will also affect the value programmed into the DPLL
frequency offset limit .
-
In order to program the ppm offset of the crystal
oscillator frequency, the value in Reg. 3C and
Reg. 3D need to be concatenated. This value is an
unsigned integer. The value multiplied by
0.0196229 dec will give the value in ppm. To
calculate the absolute value, the default 39321
(9999 hex) needs to be subtracted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com