Electronic Components Datasheet Search
  English  ▼

X  

ACS8525P Datasheet(PDF) 49 Page - Semtech Corporation

Part # ACS8525P
Description  Line Card Protection Switch for SONET/SDH Systems
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8525P Datasheet(HTML) 49 Page - Semtech Corporation

Back Button ACS8525P Datasheet HTML 45Page - Semtech Corporation ACS8525P Datasheet HTML 46Page - Semtech Corporation ACS8525P Datasheet HTML 47Page - Semtech Corporation ACS8525P Datasheet HTML 48Page - Semtech Corporation ACS8525P Datasheet HTML 49Page - Semtech Corporation ACS8525P Datasheet HTML 50Page - Semtech Corporation ACS8525P Datasheet HTML 51Page - Semtech Corporation ACS8525P Datasheet HTML 52Page - Semtech Corporation ACS8525P Datasheet HTML 53Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 112 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3.01/August 2005 © Semtech Corp.
Page 49
www.semtech.com
ACS8525 LC/P
Address (hex):
0A
Register Name sts_priority_table
Description
(RO) Bits [7:0] of the validated
priority table.
Default Value
0000 0000
Bit 7Bit 6
Bit 5Bit 4
Bit 3
Bit 2Bit 1Bit 0
Highest priority validated source
Currently selected source
Bit No.
Description
Bit Value
Value Description
[7:4]
Highest priority validated source
Reports the input channel number of the highest
priority validated source.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010 to 1111
No valid source available.
Not used.
Not used.
Input SEC1 TTL is the highest priority valid source.
Input SEC2 TTL is the highest priority valid source.
Input SEC1 DIFF is the highest priority valid source.
Input SEC2 DIFF is the highest priority valid source.
Not used.
Not used.
Input SEC3 is the highest priority valid source.
Not used.
[3:0]
Currently selected source
Reports the input channel number of the currently
selected source. When in Non-revertive mode, this
is not necessarily the same as the highest priority
validated source.
0000
0001
0010
0011
0100
0101
0110
0111
1000
1001
1010-1111
No source currently selected.
Not used.
Not used.
Input SEC1 TTL is the currently selected source.
Input SEC2 TTL is the currently selected source.
Input SEC1 DIFF is the currently selected source.
Input SEC2 DIFF is the currently selected source.
Not used.
Not used.
Input SEC3 is the currently selected source.
Not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com