Electronic Components Datasheet Search
  English  ▼

X  

ACS8946 Datasheet(PDF) 22 Page - Semtech Corporation

Part # ACS8946
Description  Jitter Attenuating, Multiplying Phase Locked Loop, with Protection Switch, for OC-12/STM-4 and GbE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8946 Datasheet(HTML) 22 Page - Semtech Corporation

Back Button ACS8946 Datasheet HTML 18Page - Semtech Corporation ACS8946 Datasheet HTML 19Page - Semtech Corporation ACS8946 Datasheet HTML 20Page - Semtech Corporation ACS8946 Datasheet HTML 21Page - Semtech Corporation ACS8946 Datasheet HTML 22Page - Semtech Corporation ACS8946 Datasheet HTML 23Page - Semtech Corporation ACS8946 Datasheet HTML 24Page - Semtech Corporation ACS8946 Datasheet HTML 25Page - Semtech Corporation ACS8946 Datasheet HTML 26Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3/November 2006 © Semtech Corp.
Page 22
www.semtech.com
ACS8946 JAM PLL
Applications
The ACS8946 is targeted at applications requiring clock
cleaning, where input jitter is filtered out or attenuated at
frequencies above the ACS8946 PLL bandwidth, and at
those requiring protection switching. It also performs the
function of a clock multiplying unit (CMU) translating from
one common spot frequency to one of six spot
frequencies (and/or odd divisions thereof) independently
on each of its four outputs.
The ACS8946 can save space when compared with
discrete analog + VCXO solutions or module-based
solutions. In the example in Figure 12 the ACS8946 is
shown symbolically as a line card dejittering and clock
multiplying device, providing additional jitter cleaning and
frequency translation of the output clocks from a Semtech
Line Card Protection device.
Figure 13 shows a non-specific example schematic which
represents a generic line card design, and demonstrates
the I/O connections, configuration controls on the device
and the appropriate terminations in different
CML/LVPECL technologies, with only the parts relevant to
the handling of clocks being shown. This example could
be used as a solution for less stringent applications where
the ACS8946 could carry out the basic clock protection
function in place of a Semtech Line Card Protection
device, although it could not, for example, perform group
(Clock and Sync) switching, frequency monitoring, or other
functions available with members of the Semtech LC/P
family of parts.
Application Diagram
Figure 12 Typical Application for Semtech JAM PLLs
Multiple Line cards
Primary Ref.
Input/
output
Master Sync Card
Slave Sync Card
uP/Serial Bus
SSM
Priorities
TCLK
CLK
SEC
Master Clock
DATA
DATA
Priorities
Config.
Input CLK Sources
Line
I/F
Unit
SetsLinecardGenApp_11
To/from
SONET/SDH/PDH
Network
FRAMER
SERDES
Line Card (0C-12)
Master Clock
Recovered Clock
Sync
Slave Clock
Backplane
Low Jitter/Low Skew
Low Jitter spot frequencies to 625.00 MHz
Sync
4 x Programmable Clocks
JAM PLL with
PROTECTION
SWITCH
SETS
Output
CLKs
ACS8946
ACS8510
ACS8520
ACS8522
ACS8530
Clock
Distribution
SSM Processing
Slave Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com