Electronic Components Datasheet Search
  English  ▼

X  

ACS8946 Datasheet(PDF) 33 Page - Semtech Corporation

Part # ACS8946
Description  Jitter Attenuating, Multiplying Phase Locked Loop, with Protection Switch, for OC-12/STM-4 and GbE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8946 Datasheet(HTML) 33 Page - Semtech Corporation

Back Button ACS8946 Datasheet HTML 29Page - Semtech Corporation ACS8946 Datasheet HTML 30Page - Semtech Corporation ACS8946 Datasheet HTML 31Page - Semtech Corporation ACS8946 Datasheet HTML 32Page - Semtech Corporation ACS8946 Datasheet HTML 33Page - Semtech Corporation ACS8946 Datasheet HTML 34Page - Semtech Corporation ACS8946 Datasheet HTML 35Page - Semtech Corporation ACS8946 Datasheet HTML 36Page - Semtech Corporation ACS8946 Datasheet HTML 37Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3/November 2006 © Semtech Corp.
Page 33
www.semtech.com
ACS8946 JAM PLL
Notes: (i) Measured on the ACS8946 Evaluation Board using output clock OUT1, with a 0 dBm reference clock from an ESG E4400B signal
generator AC coupled to CLK1. VDD = 3.0 V to 3.465 V, TA -40°C to +85°C.
(ii) “*” Derived values using the normal Gaussian crest value ratio of 10.
(iii) PLL Closed Loop bandwidth set to 2 KHz with a damping factor of 1.2.
(iv) All measurement results are derived from the phase noise plots using integration ranges defined by the telecommunication
standards' specifications.
Table 28 Output Jitter Generation: ACS8946 Stand-alone @19.44 MHz Input/155.52 MHz Output
Test Definition
Measured Results
Specification
Interface
Frequency
Filter Spec (iv)
Spec Limit
Typical
Max
Units
G.813
Option 1[4],
and ETSI
EN 300 462 -
7 - 1[1]
STM-1 (optical)
155 MHz
65 kHz to
1.3 MHz
0.1 UI p-p = 643 ps
*
6.6
16.0
ps p-p
-0.7
1.6
ps rms
500 Hz to
1.3 MHz
0.5 UI p-p = 3215 ps
*
137.1
376.0
ps p-p
-13.7
37.6
ps rms
STM-4 622 MHz 250 kHz to
5MHz
0.1 UI p-p = 161 ps
*
3.4
5.6
ps p-p
-0.3
0.6
ps rms
1 kHz to 5 MHz
0.5 UI p-p = 804 ps
*
117.5
303.5
ps p-p
-11.7
30.3
ps rms
STM-16 2.5 GHz 1 MHz to
20 MHz
0.1 UI p-p = 40 ps
*
3.7
6.2
ps p-p
-0.4
0.6
ps rms
5 kHz to 20 MHz 0.5 UI p-p = 201 ps
*
55.9
149.6
ps p-p
-
5.6
15.0
ps rms
ETSI
EN 300 462 -
7 - 1[1]
STM-1
(electrical)
155 MHz
65 kHz to
1.3 MHz
0.075 UI p-p = 482 ps
*
6.6
16.0
ps p-p
-0.7
1.6
ps rms
G.813
Option 2[4]
STM-1 155 MHz 12 kHz to
1.3 MHz
0.1 UI p-p = 643 ps
*
27.8
80.6
ps p-p
-2.8
8.1
ps rms
STM-4 622 MHz 12 kHz to 5 MHz 0.1 UI p-p = 161 ps
*
27.9
73.3
ps p-p
-2.8
7.3
ps rms
STM-16 2.5 GHz 12 kHz to
20 MHz
0.1 UI p-p = 40 ps
*
28.0
73.6
ps p-p
2.8
7.4
ps rms
GR-253-
CORE[8]
OC-3/STS-3
155 MHz
12 kHz to
1.3 MHz
0.1 UI p-p = 643 ps
*
27.8
80.6
ps p-p
0.01 UI rms = 64.3 ps
2.8
8.1
ps rms
OC-12/STS-12
622 MHz
12 kHz to 5 MHz 0.1 UI p-p = 161 ps
*
27.9
73.3
ps p-p
0.01 UI p-p = 16.1 ps
2.8
7.3
ps rms
OC-48/STS-48
2.5 GHz
5 kHz to 20 MHz 1.5 UI p-p = 600 ps
*
55.9
149.6
ps p-p
-
5.6
15.0
ps rms
1 MHz to
20 MHz
0.15 UI p-p = 60 ps
*
3.7
6.2
ps p-p
-0.4
0.6
ps rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com