Electronic Components Datasheet Search
  English  ▼

X  

ACS8946 Datasheet(PDF) 29 Page - Semtech Corporation

Part # ACS8946
Description  Jitter Attenuating, Multiplying Phase Locked Loop, with Protection Switch, for OC-12/STM-4 and GbE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8946 Datasheet(HTML) 29 Page - Semtech Corporation

Back Button ACS8946 Datasheet HTML 25Page - Semtech Corporation ACS8946 Datasheet HTML 26Page - Semtech Corporation ACS8946 Datasheet HTML 27Page - Semtech Corporation ACS8946 Datasheet HTML 28Page - Semtech Corporation ACS8946 Datasheet HTML 29Page - Semtech Corporation ACS8946 Datasheet HTML 30Page - Semtech Corporation ACS8946 Datasheet HTML 31Page - Semtech Corporation ACS8946 Datasheet HTML 32Page - Semtech Corporation ACS8946 Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3/November 2006 © Semtech Corp.
Page 29
www.semtech.com
ACS8946 JAM PLL
Figure 18 SETS LVDS Output - DC Coupled to LVPECL
Receiver
Figure 19 Generic LVDS - AC Coupled to LVPECL Receiver
Note...Activity monitors will not function with this scheme as
noise may cause activity detection by mistake. Consider
replacing one 4K3 resistor with a 4k7 resistor.
F8946D_018LVDS2LVPECL_02
100R
SETS
LVDS
Output
OUTN
OUTP
JAM PLL
CLKN
CLKP
Transmission
Line Impedance
50 Ohms
LVPECL
INPUT
F8946D_019LVDS2LVPECL_02
GND
VDD
2K7
100R
4K3
4K3
220nF
220nF
2K7
LVDS
Output
Device
OUTN
OUTP
JAM PLL
CLKN
CLKP
Transmission
Line Impedance
50 Ohms
LVPECL
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com