Electronic Components Datasheet Search
  English  ▼

X  

ATC18M Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATC18M
Description  0.18 關m CMOS Cell-based ASIC for Military Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18M Datasheet(HTML) 8 Page - ATMEL Corporation

  ATC18M Datasheet HTML 1Page - ATMEL Corporation ATC18M Datasheet HTML 2Page - ATMEL Corporation ATC18M Datasheet HTML 3Page - ATMEL Corporation ATC18M Datasheet HTML 4Page - ATMEL Corporation ATC18M Datasheet HTML 5Page - ATMEL Corporation ATC18M Datasheet HTML 6Page - ATMEL Corporation ATC18M Datasheet HTML 7Page - ATMEL Corporation ATC18M Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Printed on recycled paper.
© Atmel Corporation 2003. All rights reserved. Atmel, the Atmel logo, and combinations thereof are regis-
tered trademarks of Atmel Corporation or its subsidiaries. Cadence, Verilog, and Pearl are registered trademarks
of Cadence Design Systems. Synopsys and Primetime are registered trademarks of Synopsys Inc.. Buildgates is a
registered trademark of Ambit Design Systems Inc.. CTGen is a registered trademarks of NEC Corporation. Other
terms and product names may be the trademarks of others.
Disclaimer. Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company’s
standard warranty which is detailed in Atmel’s Terms and Conditions located on the Company’s web site. The Company assumes no
responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at
any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other
intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication.
Atmel’s products are not authorized for use as critical components in life support devices or systems.
Atmel Corporation
Atmel Operations
2325 Orchard Parkway
San Jose, CA 95131
Tel: 1(408) 441-0311
Fax: 1(408) 487-2600
Regional Headquarters
Europe
Atmel Sarl
Route des Arsenaux 41
Case Postale 80
CH-1705 Fribourg
Switzerland
Tel: (41) 26-426-5555
Fax: (41) 26-426-5500
Asia
Room 1219
Chinachem Golden Plaza
77 Mody Road Tsimshatsui
East Kowloon
Hong Kong
Tel: (852) 2721-9778
Fax: (852) 2722-1369
Japan
9F, Tonetsu Shinkawa Bldg.
1-24-8 Shinkawa
Chuo-ku, Tokyo 104-0033
Japan
Tel: (81) 3-3523-3551
Fax: (81) 3-3523-7581
Memory
2325 Orchard Parkway
San Jose, CA 95131
Tel: 1(408) 441-0311
Fax: 1(408) 436-4314
Microcontrollers
2325 Orchard Parkway
San Jose, CA 95131
Tel: 1(408) 441-0311
Fax: 1(408) 436-4314
La Chantrerie
BP 70602
44306 Nantes Cedex 3, France
Tel: (33) 2-40-18-18-18
Fax: (33) 2-40-18-19-60
ASIC/ASSP/Smart Cards
Zone Industrielle
13106 Rousset Cedex, France
Tel: (33) 4-42-53-60-00
Fax: (33) 4-42-53-60-01
1150 East Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
Tel: 1(719) 576-3300
Fax: 1(719) 540-1759
Scottish Enterprise Technology Park
Maxwell Building
East Kilbride G75 0QR, Scotland
Tel: (44) 1355-803-000
Fax: (44) 1355-242-743
RF/Automotive
Theresienstrasse 2
Postfach 3535
74025 Heilbronn, Germany
Tel: (49) 71-31-67-0
Fax: (49) 71-31-67-2340
1150 East Cheyenne Mtn. Blvd.
Colorado Springs, CO 80906
Tel: 1(719) 576-3300
Fax: 1(719) 540-1759
Biometrics/Imaging/Hi-Rel MPU/
High Speed Converters/RF Datacom
Avenue de Rochepleine
BP 123
38521 Saint-Egreve Cedex, France
Tel: (33) 4-76-58-30-00
Fax: (33) 4-76-58-34-80
e-mail
literature@atmel.com
Web Site
http://www.atmel.com
4262A–AERO–07/03
/0M



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com