Electronic Components Datasheet Search
  English  ▼

X  

ATC18M Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATC18M
Description  0.18 關m CMOS Cell-based ASIC for Military Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18M Datasheet(HTML) 4 Page - ATMEL Corporation

  ATC18M Datasheet HTML 1Page - ATMEL Corporation ATC18M Datasheet HTML 2Page - ATMEL Corporation ATC18M Datasheet HTML 3Page - ATMEL Corporation ATC18M Datasheet HTML 4Page - ATMEL Corporation ATC18M Datasheet HTML 5Page - ATMEL Corporation ATC18M Datasheet HTML 6Page - ATMEL Corporation ATC18M Datasheet HTML 7Page - ATMEL Corporation ATC18M Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ATC18M
4262A–AERO–07/03
Input/Output Pad Cell
Libraries
IO18lib and IO33lib
The Atmel Input/Output Cell Library, IO18lib, contains a comprehensive list of input, out-
put, bi-directional and tri-state cells. The ATC18M (1.8V) cell library includes one special
sets of I/O cells, IO25lib and IO33lib, for interfacing with external 3.3V devices.
They will encompass the following types of cells:
•
Bi-directional
•
Tri-state outport
•
Outputs
•
Inputs
•PCI
•
PECL
•
LVDS (EIA-644)
All buffers will be capable of being used as “Cold Sparing” Buffers.
Compiled Memories
Based on Virage Logic Memory Compilers, for synchronized memories. Its maximum
memory size compilation capability is:
A set of EDAC can be used in combination with these memories so as to alleviate their
SEU susceptibility.
Synthesized Memory
The synthesis of memories is based on Atmel GENESYS within the GATEAID software.
It must be used only for small memories and when SEU hardened cells are needed.
The maximum memory sizes are as follows:
SRAM
16K x 32 bits
DPRAM
8K x 32 bits
TPSF
1K x 16 bits
RAM
4K bits
TPRAM
4K bits
DPRAM
2K bits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com