Electronic Components Datasheet Search
  English  ▼

X  

ATC18M Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATC18M
Description  0.18 關m CMOS Cell-based ASIC for Military Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18M Datasheet(HTML) 1 Page - ATMEL Corporation

  ATC18M Datasheet HTML 1Page - ATMEL Corporation ATC18M Datasheet HTML 2Page - ATMEL Corporation ATC18M Datasheet HTML 3Page - ATMEL Corporation ATC18M Datasheet HTML 4Page - ATMEL Corporation ATC18M Datasheet HTML 5Page - ATMEL Corporation ATC18M Datasheet HTML 6Page - ATMEL Corporation ATC18M Datasheet HTML 7Page - ATMEL Corporation ATC18M Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 4262A–AERO–07/03
1
Features
• Comprehensive Library of Standard Logic and I/O Cells
• ATC18 Core and I/O Cells Designed to Operate with V
DD = 1.8V ± 0.15V as Main Target
Operating Conditions
• IO33 Pad Libraries Provide Interfaces to 3V Environments
• Memory Cells Compiled to the Precise Requirements of the Design
• Compatible with Atmel’s Extensive Range of Microcontroller, DSP, Standard-interface
and Application-specific Cells
• EDAC Library
• SEU Hardened DFF’s
• Cold Sparring Buffers
• High Speed LVDS Buffers
• PCI Buffer
• Predefined die Sizes to Easily Accommodate Specified Packages
• MQFP Packages up to 352 pins (340 Signal Pins)
• MCGA Packages up to 625 pins (581 Signal Pins)
• Offered to QML Q Grade
Description
The Atmel ATC18M is fabricated on a proprietary 0.18 µm, up to six-layer-metal
CMOS process intended for use with a supply voltage of 1.8V ± 0.15V. Table 1 shows
the range for which Atmel library cells have been characterized.
The Atmel cell libraries and megacell compilers have been designed in order to be
compatible with each other. Simulation representations exist for three types of operat-
ing conditions. They correspond to three characterization conditions defined as
follows:
•
MIN conditions:
–T
J = -55°C
–
V
DD (cell) = 1.95V
–
Process = fast
•TYP conditions:
–T
J = +25°C
–V
DD (cell) = 1.8V
–
Process = typ
•
MAX conditions:
–T
J = +125°C
–V
DD (cell) = 1.65V
–
Process = slow
Table 1. Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V
DD
DC Supply Voltage
Core and Standard I/Os
1.65
1.8
1.95
V
V
DD3.3
DC Supply Voltage
3V Interface I/Os
3
3.3
3.6
V
VI
DC Input Voltage
0
VDD
V
V
O
DC Output Voltage
0
V
DD
V
TEMP
Operating Free Air
Temperature Range
Military
-55
+125
°C
0.18 µm CMOS
Cell-based ASIC
for Military Use
ATC18M
Advanced
Information


Similar Part No. - ATC18M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC18 ATMEL-ATC18 Datasheet
437Kb / 5P
Embedded ASIC Memory Cell
ATC18 ATMEL-ATC18 Datasheet
219Kb / 12P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
More results

Similar Description - ATC18M

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATC25 ATMEL-ATC25 Datasheet
88Kb / 11P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA Datasheet
268Kb / 20P
Rad. Hard 0.18 Um CMOS Cell-based ASIC for Space Use
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
logo
AMI SEMICONDUCTOR
X2P360 AMI-X2P360 Datasheet
157Kb / 2P
0.15關m Structured ASIC
logo
ATMEL Corporation
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
ATC18RHA ATMEL-ATC18RHA_08 Datasheet
187Kb / 22P
Rad. Hard 0.18 關m CMOS Cell-based ASIC for Space Use
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
NEC
CB-C8 NEC-CB-C8 Datasheet
772Kb / 8P
3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
Microchip Technology
ATMX150RHA MICROCHIP-ATMX150RHA Datasheet
224Kb / 22P
Rad-Hard 150 nm SOI CMOS Cell-based ASIC for Space Use
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com