Electronic Components Datasheet Search
  English  ▼

X  

ATC18M Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATC18M
Description  0.18 關m CMOS Cell-based ASIC for Military Use
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC18M Datasheet(HTML) 3 Page - ATMEL Corporation

  ATC18M Datasheet HTML 1Page - ATMEL Corporation ATC18M Datasheet HTML 2Page - ATMEL Corporation ATC18M Datasheet HTML 3Page - ATMEL Corporation ATC18M Datasheet HTML 4Page - ATMEL Corporation ATC18M Datasheet HTML 5Page - ATMEL Corporation ATC18M Datasheet HTML 6Page - ATMEL Corporation ATC18M Datasheet HTML 7Page - ATMEL Corporation ATC18M Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ATC18M
4262A–AERO–07/03
Cell Matrices
Table 3 and Table 4 provide a quick reference to the storage elements in the SClib
library. Note that all storage elements feature buffered clock inputs and buffered output.
Table 3. D Flip-flops
Macro Name
Set
Clear
Enabled
D Input
1xDrive
2xDrive
Single
Output
SEU
Hardened
DFBRBx
••
••
DFCRBx
••
•
HDFBRBx
••
••
•
HDFCRBx
••
••
DFNRBx
••
HDFVRBx
••
•
DFPRBx
••
•
HDFPRBx
••
•
•
DENRQx
••••
Table 4. Scan Flip-flops
Macro Name
Set
Clear
1xDrive
2xDrive
Single Output
SEU Hardened
SDBRBx
••
••
SDCRBx
••
•
HSDBRBx
••
••
•
HSDCRBx
••
•
•
SDNRBx
••
HSDNPBx
••
•
SDNRQx
•••
HSDNRQx
••
•



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com