Electronic Components Datasheet Search
  English  ▼

X  

SC196A Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 5 Page - Semtech Corporation

  SC196A Datasheet HTML 1Page - Semtech Corporation SC196A Datasheet HTML 2Page - Semtech Corporation SC196A Datasheet HTML 3Page - Semtech Corporation SC196A Datasheet HTML 4Page - Semtech Corporation SC196A Datasheet HTML 5Page - Semtech Corporation SC196A Datasheet HTML 6Page - Semtech Corporation SC196A Datasheet HTML 7Page - Semtech Corporation SC196A Datasheet HTML 8Page - Semtech Corporation SC196A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
© 2008 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Block Diagram
Control
Logic
Plimit Amp
Current Amp
Nlimit Amp
OSC & Slope
Generator
PWM
Comp
Error Amp
500mV
Ref
MODE
VID1
VID0
VOUT
SYNC
/PWM
EN
GND
PGND
LX
VIN
Voltage
Select
8
9
10
1
6
5
7
2
3
4
PSAVE
Comp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com