Electronic Components Datasheet Search
  English  ▼

X  

SC196A Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC196A Datasheet HTML 9Page - Semtech Corporation SC196A Datasheet HTML 10Page - Semtech Corporation SC196A Datasheet HTML 11Page - Semtech Corporation SC196A Datasheet HTML 12Page - Semtech Corporation SC196A Datasheet HTML 13Page - Semtech Corporation SC196A Datasheet HTML 14Page - Semtech Corporation SC196A Datasheet HTML 15Page - Semtech Corporation SC196A Datasheet HTML 16Page - Semtech Corporation SC196A Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
© 2008 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Applications Circuits
V
OUT = 1.05V with PSAVE and 100% Duty Cycle
V
OUT = 1.0V with Forced PWM and no 100% Duty Cycle
CIN
COUT
4.7μ H
VIN
2.7V to 5.5V
VOUT
1.05V
1.5A
L1
22μF
F
10μ
SC196A
VIN
LX
EN
SYNC/PWM
VID0
VID1
PGND
MODE
GND
VOUT
L1
COUT
4.7μH
VIN
2.7V to 5.5V
CIN
10μF
Sleep Flag from uProc
Changes voltage
From 1.8V to 1.2V
VOUT
1.8V
norm
22μF
VOUT
1.2V
sleep
SC196A
VIN
LX
EN
SYNC/PWM
VID0
VID1
PGND
MODE
GND
VOUT
Mobile Voltage Positioning for Reduced System Dissipation in "Sleep" Modes
CIN
L1
COUT
10μF
10μF
4.7μH
VIN
2.7V to 5.5V
VOUT
1V
1.5A
SC196A
VIN
LX
EN
SYNC/PWM
VID0
VID1
PGND
MODE
GND
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com