Electronic Components Datasheet Search
  English  ▼

X  

SC196A Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC196A Datasheet HTML 9Page - Semtech Corporation SC196A Datasheet HTML 10Page - Semtech Corporation SC196A Datasheet HTML 11Page - Semtech Corporation SC196A Datasheet HTML 12Page - Semtech Corporation SC196A Datasheet HTML 13Page - Semtech Corporation SC196A Datasheet HTML 14Page - Semtech Corporation SC196A Datasheet HTML 15Page - Semtech Corporation SC196A Datasheet HTML 16Page - Semtech Corporation SC196A Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
© 2008 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
PWM Start-up
Typical Characteristics (Cont.)
Load Transient Response PWM
Load Transient Response PSAVE
VID Code Change
EN (2V/div)
V
OUT (1V/div)
l
IN (100mA/div)
Time (200us/div)
Condition V
IN=3.6V, VOUT=1.8V, lOUT=10mA,
SYNC/PWM=V
IN
V
OUT (100mV/div)
I
LOAD (1A/div)
Time (100us/div)
Condition V
IN=3.6V, VOUT=1.8V, lOUT=1A to 100mA,
SYNC/PWM=V
IN
VID0 (2V/div)
V
OUT (200mV/div)
Time (400us/div)
Condition V
IN=3.6V, VOUT=1.8V to 1.5V, lOUT=1A,
SYNC/PWM=V
IN
Time (100us/div)
Condition V
IN=3.6V, VOUT=1.8V, lOUT=1A to 100 mA,
SYNC/PWM=GND
V
OUT (100mV/div)
I
LOAD (1A/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com