Electronic Components Datasheet Search
  English  ▼

X  

SC196A Datasheet(PDF) 6 Page - Semtech Corporation

Part # SC196A
Description  1.5A Synchronous Buck Converter with Integrated Power Devices
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC196A Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SC196A Datasheet HTML 2Page - Semtech Corporation SC196A Datasheet HTML 3Page - Semtech Corporation SC196A Datasheet HTML 4Page - Semtech Corporation SC196A Datasheet HTML 5Page - Semtech Corporation SC196A Datasheet HTML 6Page - Semtech Corporation SC196A Datasheet HTML 7Page - Semtech Corporation SC196A Datasheet HTML 8Page - Semtech Corporation SC196A Datasheet HTML 9Page - Semtech Corporation SC196A Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
© 2008 Semtech Corp.
www.semtech.com
SC196A
PRELIMINARY
POWER MANAGEMENT
Pin Descriptions
Pin #
Pin Name
Pin Function
1
VIN
Input power supply voltage
2
MODE
MODE select pin - MODE = V
IN to select 100% duty cycle function; MODE = GND to disable 100% duty
cycle capability.
3
SYNC/PWM
Oscillator synchronization input - Tie to V
IN for forced PWM mode or GND to allow the part to enter PSAVE
mode at light loads. Apply an external clock signal for frequency synchronization.
4EN
Enable digital input - a high input enables the SC196A; a low disables and reduces quiescent current to
less than 1μA. In shutdown, LX becomes high impedance.
5
VOUT
Regulated output voltage and feedback for SC196A
6
VID0
Logic level bit 0 used in conjunction with VID1 to set the output voltage. Connect high or low as required
to select the desired output voltage. If not connected, the output voltage will be indeterminate.
7
VID1
Logic level bit 1 used in conjunction with VID0 to set the output voltage. Connect high or low as required
to select the desired output voltage. If not connected, the output voltage will be indeterminate.
8
GND
Ground
9
PGND
Power Ground
10
LX
Inductor connection to the switching FETs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com