Electronic Components Datasheet Search
  English  ▼

X  

SC417EVB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC417EVB
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417EVB Datasheet(HTML) 4 Page - Semtech Corporation

  SC417EVB Datasheet HTML 1Page - Semtech Corporation SC417EVB Datasheet HTML 2Page - Semtech Corporation SC417EVB Datasheet HTML 3Page - Semtech Corporation SC417EVB Datasheet HTML 4Page - Semtech Corporation SC417EVB Datasheet HTML 5Page - Semtech Corporation SC417EVB Datasheet HTML 6Page - Semtech Corporation SC417EVB Datasheet HTML 7Page - Semtech Corporation SC417EVB Datasheet HTML 8Page - Semtech Corporation SC417EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
SC417/SC427
4
Absolute Maximum Ratings(1)
LX to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
LX to PGND (V) (transient — 100ns) . . . . . . . . . . . -2 to +30
VIN to PGND (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +30
EN/PSV, PGOOD, ILIM, to GND (V) . . . . . . -0.3 to +(V5V + 0.3)
VOUT, VLDO, FB, FBL, to GND (V). . . . . . . -0.3to+(V5V+0.3)
V5V to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6
TON to PGND (V). . . . . . . . . . . . . . . . . . . . . -0.3 to +(V5V - 1.5)
ENL (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to V
IN
BST to LX (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.0
BST to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +35
AGND to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +0.3
Recommended Operating Conditions
Input Voltage (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0 to 28
V5V to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5 to 5.5
VOUT to PGND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5 to 5.5
Thermal Information
Storage Temperature (°C). . . . . . . . . . . . . . . . . . . . -60 to +150
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . . 150
Operating Junction Temperature (°C) . . . . . . -40 to +125
Thermal resistance, junction to ambient (2) (°C/W)
High-side MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Low-side MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
PWM controller and LDO thermal resistance . . . . . 50
Peak IR Reflow Temperature (°C) . . . . . . . . . . . . . . . . . . . . 260
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
NOTES:
(1)
This device is ESD sensitive. Use of standard ESD handling precautions is required.
(2) Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Unless specified: V
IN
=12V, T
A
= +25°C for Typ, -40 to +85 °C for Min and Max, T
J
< 125°C, V5V = +5V, Typical Application Circuit
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Units
Input Supplies
Input Supply Voltage
328
V
V5V Voltage
4.5
5.5
V
VIN UVLO Threshold(1)
Sensed at ENL pin, rising edge
2.40
2.60
2.95
V
Sensed at ENL pin, falling edge
2.235
2.40
2.565
VIN UVLO Hysteresis
EN/PSV = High
0.2
V
V5V UVLO Threshold
Measured at V5V pin, rising edge
3.7
3.9
4.1
V
Measured at V5V pin, falling edge
3.5
3.6
3.75
V5V UVLO Hysteresis
0.3
V
VIN Supply Current
ENL , EN/PSV = 0V, V
IN
= 28V
8.5
20
μA
Standby mode; ENL=V5V, EN/PSV = 0V
130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com