Electronic Components Datasheet Search
  English  ▼

X  

SC417EVB Datasheet(PDF) 23 Page - Semtech Corporation

Part # SC417EVB
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417EVB Datasheet(HTML) 23 Page - Semtech Corporation

Back Button SC417EVB Datasheet HTML 19Page - Semtech Corporation SC417EVB Datasheet HTML 20Page - Semtech Corporation SC417EVB Datasheet HTML 21Page - Semtech Corporation SC417EVB Datasheet HTML 22Page - Semtech Corporation SC417EVB Datasheet HTML 23Page - Semtech Corporation SC417EVB Datasheet HTML 24Page - Semtech Corporation SC417EVB Datasheet HTML 25Page - Semtech Corporation SC417EVB Datasheet HTML 26Page - Semtech Corporation SC417EVB Datasheet HTML 27Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
SC417/SC427
23
Applications Information (continued)
One simple way to solve this problem is to add trace resis-
tance in the high current output path. A side effect of
adding trace resistance is output decreased load
regulation.
ESR Requirements
A minimum ESR is required for two reasons. One reason is
to generate enough output ripple voltage to provide
10mVp-p at the FB pin (after the resistor divider) to avoid
double-pulsing.
The second reason is to prevent instability due to insuffi-
cient ESR. The on-time control regulates the valley of the
output ripple voltage. This ripple voltage is the sum of the
two voltages. One is the ripple generated by the ESR, the
other is the ripple due to capacitive charging and dis-
charging during the switching cycle. For most applica-
tions the minimum ESR ripple voltage is dominated by the
output capacitors, typically SP or POSCAP devices. For
stability the ESR zero of the output capacitor should be
lower than approximately one-third the switching fre-
quency. The formula for minimum ESR is shown by the
following equation.
sw
OUT
MIN
f
C
2
3
SR
E
For applications using ceramic output capacitors, the ESR
is normally too small to meet the above ESR criteria. In
these applications it is necessary to add a small virtual ESR
network composed of two capacitors and one resistor, as
shown in Figure 14. This network creates a ramp voltage
across C
L
, analogous to the ramp voltage generated across
the ESR of a standard capacitor. This ramp is then capaci-
tively coupled into the FB pin via capacitor C
C
.
R1
R2
FB
pin
CC
COUT
L
Low-
side
High-
side
CL
RL
Figure 14 — Virtual ESR Ramp Current
Dropout Performance
The output voltage adjust range for continuous-conduc-
tion operation is limited by the fixed 250ns (typical)
minimum off-time of the one-shot. When working with
low input voltages, the duty-factor limit must be calcu-
lated using worst-case values for on and off times.
The duty-factor limitation is shown by the next equation.
)
MAX
(
OFF
)
MIN
(
ON
)
MIN
(
ON
T
T
T
DUTY
The inductor resistance and MOSFET on-state voltage
drops must be included when performing worst-case
dropout duty-factor calculations.
System DC Accuracy (V
OUT Controller)
Three factors affect V
OUT
accuracy: the trip point of the FB
error comparator, the ripple voltage variation with line
and load, and the external resistor tolerance. The error
comparator offset is trimmed so that under static condi-
tions it trips when the feedback pin is 500mV, 1%.
The on-time pulse from the SC417/SC427 in the design
example is calculated to give a pseudo-fixed frequency of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com