Electronic Components Datasheet Search
  English  ▼

X  

SC417EVB Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC417EVB
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417EVB Datasheet(HTML) 1 Page - Semtech Corporation

  SC417EVB Datasheet HTML 1Page - Semtech Corporation SC417EVB Datasheet HTML 2Page - Semtech Corporation SC417EVB Datasheet HTML 3Page - Semtech Corporation SC417EVB Datasheet HTML 4Page - Semtech Corporation SC417EVB Datasheet HTML 5Page - Semtech Corporation SC417EVB Datasheet HTML 6Page - Semtech Corporation SC417EVB Datasheet HTML 7Page - Semtech Corporation SC417EVB Datasheet HTML 8Page - Semtech Corporation SC417EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
© 2008 Semtech Corporation
1
SC417/SC427
10A Integrated FET Regulator
with Programmable LDO
Features
Input voltage — 3V to 28V
Internal power MOSFETs — 10A
Integrated bootstrap switch
Smart power-save protection
Configurable 150mA LDO with bypass capability
TC compensated R
DS(ON)
sensed current limit
Pseudo-fixed frequency adaptive on-time control
Designed for use with ceramic capacitors
Programmable V
IN
UVLO threshold
Independent enable for switcher and LDO
Selectable ultra-sonic power-save (SC417)
Selectable power-save (SC427)
Internal soft-start and soft-shutdown at output
Internal reference — 1% tolerance
Over-voltage/under-voltage fault protection
Power good output
Lead-free 5x5mm, 32 Pin MLPQ package
Fully WEEE and RoHS compliant
Applications
Notebook, desktop, tablet, and server computers
Networking and telecommunication equipment
Printers, DSL, and STB applications
Embedded applications
Power supply modules
Point of load power supplies
Description
The SC417/SC427 is a stand-alone synchronous buck
power supply. It features integrated power MOSFETs, a
bootstrap switch, and a programmable LDO in a space-
saving MLPQ-5x5mm 32-pin package. The device is highly
efficient and uses minimal PCB area. It uses pseudo-fixed
frequency adaptive on-time operation to provide fast
transient response.
The SC417/SC427 supports using standard capacitor types
such as electrolytic or special polymer in addition to
ceramic, at switching frequencies up to 1MHz. The pro-
grammable frequency, synchronous operation, and select-
able power-save provide high efficiency operation over a
wide load range.
The LDO output is programmable from 0.75V to 5.25V
using external resistors. The bias voltage for the device
can be supplied by the on-chip LDO when V
IN
> 4.5V, or by
an external 5V supply. When a separate source is used as
the bias supply, the LDO can be programmed to provide a
different voltage.
Additional features include cycle-by-cycle current limit,
soft-start, under and over-voltage protection, program-
mable over-current protection, soft shutdown, and select-
able power-save. The device also provides separate enable
inputs for the PWM controller and LDO as well as a power
good output for the PWM controller.
The input voltage can range from 3V to 28V. The wide
input voltage range, programmable frequency, and pro-
grammable LDO make the device extremely flexible and
easy to use in a broad range of applications. Support is
provided for single cell or multi-cell battery systems in
addition to traditional DC power supply applications.
November 11, 2008
POWER MANAGEMENT


Similar Part No. - SC417EVB

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417EVB SEMTECH-SC417EVB Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
More results

Similar Description - SC417EVB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7602 TI-PT7602 Datasheet
162Kb / 3P
3.3V INPUT 10A PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
logo
Semtech Corporation
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
logo
Vishay Siliconix
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
27-Aug-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com