Electronic Components Datasheet Search
  English  ▼

X  

SC417EVB Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC417EVB
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417EVB Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC417EVB Datasheet HTML 10Page - Semtech Corporation SC417EVB Datasheet HTML 11Page - Semtech Corporation SC417EVB Datasheet HTML 12Page - Semtech Corporation SC417EVB Datasheet HTML 13Page - Semtech Corporation SC417EVB Datasheet HTML 14Page - Semtech Corporation SC417EVB Datasheet HTML 15Page - Semtech Corporation SC417EVB Datasheet HTML 16Page - Semtech Corporation SC417EVB Datasheet HTML 17Page - Semtech Corporation SC417EVB Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
SC417/SC427
14
Gate
Drives
FB Comparator
One-Shot
Timer
On-time = K x RTON x (VOUT/VIN)
VOUT
VIN
FB
500mV
Q1
Q2
L
COUT
VIN
ESR
+
VOUT
VLX
FB
DH
DL
RTON
+
-
Figure 2 — On-Time Generation
This method automatically produces an on-time that is
proportional to V
OUT
and inversely proportional to V
IN
.
Under steady-state conditions, the switching frequency
can be determined from the on-time by the following
equation.
IN
ON
OUT
SW
V
T
V
f
The SC417/SC427 uses an external resistor to set the on-
time which indirectly sets the frequency. The on-time can
be programmed to provide operating frequency from
200kHz to 1MHz using a resistor between the TON pin and
ground. The resistor value is
selected by the following
equation.
OUT
IN
TON
V
pF
25
V
)
ns
10
TON
(
R
The maximum R
TON
value allowed is shown by the follow-
ing equation.
A
15
V
R
MIN
_
IN
MAX
_
TON
V
OUT
Voltage Selection
The switcher output voltage is regulated by comparing
V
OUT
as seen through a resistor divider at the FB pin to the
internal 500mV reference voltage, see Figure 3.
R1
VOUT
To FB pin
R2
Figure 3 — Output Voltage Selection
Note that this control method regulates the valley of the
output ripple voltage, not the DC value. The DC output
voltage V
OUT
is offset by the output ripple according to the
following equation.
2
V
R
R
1
5
.
0
V
RIPPLE
2
1
OUT
Enable and Power-save Inputs
The EN/PSV and ENL inputs are used to enable or disable
the switching regulator and the LDO. When EN/PSV is low
(grounded), the switching regulator is off and in its lowest
power state. When off, the output of the switching regula-
tor soft-discharges the output into a 15Ω internal resistor
via the V
OUT
pin. When EN/PSV is allowed to float, the pin
voltage will float to 1.5V. The switching regulator turns on
with power-save disabled and all switching is in forced
continuous mode.
When EN/PSV is high (above 2.0V) for SC417, the switch-
ing regulator turns on with ultra-sonic power-save
enabled. The SC417 ultra-sonic power-save operation
maintains a minimum switching frequency of 25kHz, for
applications with stringent audio requirements.
When EN/PSV is high (above 2.0V) for SC427, the switch-
ing regulator turns on with power-save enabled. The
SC427 power-save operation is designed to maximize
efficiency at light loads with no minimum frequency limits.
This makes the SC427 an excellent choice for portable and
battery-operated systems.
The ENL input is used to control the internal LDO. This
input serves a second function by acting as a V
IN
ULVO
sensor for the switching regulator.
When ENL is low (grounded), the LDO is off. When ENL is
a logic high but below the VIN UVLO threshold (2.6V
typical), then the LDO is on and the switcher is off. When
ENL is above the VIN UVLO threshold, the LDO is enabled
and the switcher is also enabled if the EN/PSV pin is not
grounded.
Forced Continuous Mode Operation
The SC417/SC427 operates the switcher in Forced
Continuous Mode (FCM) by floating the EN/PSV pin (see
Figure 4). In this mode one of the power MOSFETs is
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com