Electronic Components Datasheet Search
  English  ▼

X  

SC471 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC471 Datasheet HTML 8Page - Semtech Corporation SC471 Datasheet HTML 9Page - Semtech Corporation SC471 Datasheet HTML 10Page - Semtech Corporation SC471 Datasheet HTML 11Page - Semtech Corporation SC471 Datasheet HTML 12Page - Semtech Corporation SC471 Datasheet HTML 13Page - Semtech Corporation SC471 Datasheet HTML 14Page - Semtech Corporation SC471 Datasheet HTML 15Page - Semtech Corporation SC471 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
For the case where the down transition is less than
8%, and the load is light such that power-save is active,
the Smart Power Save detector will not activate. In this
case, with FB already above the 0.75V reference there
is no switching activity. DL and DH will remain off, and
the output voltage will slowly fall as the output capacitors
discharge into the load, see Figure 6.
Note: at light loads it can take many msec for the output to fall
to the new value. This should have no adverse effect. Many
loads such as graphics chipsets can have a minimum load of
several hundred mA, which will naturally pull VOUT down to the
next level.
VOUT
FB
R1
R2
D0/D1
D0/D1
RTN
< 810mV
(FB threshold)
FB
COUT Discharge due to load
Initial
VOUT
Final
VOUT
VOUT
R3/R4
(Smart Psave threshold)
Figure 6
The time needed to reach the final voltage is found from
the following equation, where COUT is in μF, and LOAD is
in Amps:
Time (μsec) = COUT • (VINITIAL – VFINAL)/LOAD
Note: the preceding equation applies only to the condition
where the VOUT downward change is less that the 8% limit
for Smart Psave, and also the load is light such that Psave is
active.
When doing an up transition (from lower to higher VOUT),
the G0/G1 change will affect D0/D1 and cause FB to drop
below the 0.75V internal reference. This quickly trips the
FB comparator regardless of whether psave is active or
not, generating a DH on-time and a subsequent DL high
time. At the end of the minimum off-time (350nsec), if FB
is still below 0.75V then another DH on-time is started,
Figure 7. This continues until FB reaches the normal
operating point.
VOUT
FB
R1
R2
D0/D1
D0/D1
RTN
750mV
(FB threshold)
FB
DH
DL
VOUT
Final
VOUT
Initial
VOUT
R3/R4
Figure 7
If the VOUT change is significant, there can be several
consecutive cycles of DH on-time followed by minimum DL
time. This can cause a rapid increase in inductor current:
typically it only takes a few switching cycles for the induc-
tor current to rise up to the Current Limit. At some point
the FB voltage will rise up to the 0.75V reference and the
DH pulses will cease, but the inductor’s LI2 energy must
then flow into the output cap. This can create a significant
overshoot as shown in Figure 8.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com