Electronic Components Datasheet Search
  English  ▼

X  

SC471 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC471 Datasheet HTML 13Page - Semtech Corporation SC471 Datasheet HTML 14Page - Semtech Corporation SC471 Datasheet HTML 15Page - Semtech Corporation SC471 Datasheet HTML 16Page - Semtech Corporation SC471 Datasheet HTML 17Page - Semtech Corporation SC471 Datasheet HTML 18Page - Semtech Corporation SC471 Datasheet HTML 19Page - Semtech Corporation SC471 Datasheet HTML 20Page - Semtech Corporation SC471 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
In general, four parameters are needed to define the
design:
1) Nominal output voltages (VOUT)
2) Static or DC output tolerance
3) Transient response
4) Maximum load current (IOUT)
Therearetwovaluesofloadcurrenttoconsider:continuous
load current and peak load current. Continuous load
current is concerned with thermal stresses which drive
the selection of input capacitors, MOSFETs and diodes.
Peak load current determines instantaneous component
stresses and filtering requirements such as inductor
saturation, output capacitors and design of the current
limit circuit.
Design example:
VBAT = 10V min, 20V max
VOUT1 = 0.9V +/- 4%
VOUT2 = 1.05V +/-4%
VOUT3 = 1.1V +/-4%
VOUT4 = 1.15V+/-4%
Load = 20A maximum
Inductor Selection
Low inductor values result in smaller size but create
higher ripple current. Higher inductor values will reduce
the ripple current but are larger and more costly. Because
wire resistance varies widely for different inductors and
because magnetic core losses vary widely with operating
conditions, it is often difficult to choose which inductor
will optimize efficiency. The general rule is that higher
inductor values have better efficiency at light loads due
to lower core losses and lower peak currents, but at high
load the smaller inductors are better because of lower
resistance. The inductor selection is generally based on
the ripple current which is typically set between 20% to
50% of the maximum load current. Cost, size, output ripple
and efficiency all play a part in the selection process.
The switching frequency is optimized for 325kHz. The
equation for on-time is:
TON (nsec) = 2560 • (VOUT/VBAT) + 35
During the DH on-time, voltage across the inductor is (VBAT
- VOUT). To determine the inductance, the ripple current
must be defined. Smaller ripple current will give smaller
output ripple and but will lead to larger inductors. The ripple
current will also set the boundary for PSAVE operation.
The switcher will typically enter PSAVE operation when the
load current decreases to 1/2 of the ripple current; (i.e.
if ripple current is 4A then PSAVE operation will typically
start for loads less than 2A. If ripple current is set at 40%
of maximum load current, then PSAVE will commence for
loads less than 20% of maximum current).
The equation for determining inductance is:
L = (VBAT - VOUT) • TON / IRIPPLE
Use the maximum value for VBAT, and for TON use the
value associated with maximum VBAT. For selecting the
inductor, we start with the highest VOUT setting and a
maximum ripple current of 5A.
TON = 182 nsec at 20VBAT, 1.15VOUT
L = (20 - 1.15) • 182 nsec / 5A = 0.69μH
We will select a slightly larger value of 0.7μH, which will
decrease the maximum IRIPPLE to 4.91A.
Note: the inductor must be rated for the maximum DC load
current plus 1/2 of the ripple current.
The minimum ripple current under is also checked .This
occurs when VBAT and VOUT are set to their minimum
values of 10V and 0.9V.
TONVBATMIN = 2560 • (0.9/10) + 35 = 265 nsec
IRIPPLE = (VBAT - VOUT) • TON / L
IRIPPLE_VBATMIN = (10 - 0.9) • 265 nsec / 0.7μH = 3.45A
Capacitor Selection
The output capacitors are chosen based on required ESR
and capacitance. The ESR requirement is driven by the
output ripple requirement and the DC tolerance. The
output voltage has a DC value that is equal to the valley
of the output ripple, plus 1/2 of the peak-to-peak ripple.
Change in the ripple voltage will lead to a change in DC
voltage at the output.
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com