Electronic Components Datasheet Search
  English  ▼

X  

SC471 Datasheet(PDF) 18 Page - Semtech Corporation

Part # SC471
Description  Synchronous Buck Controller with Multi-Level VOUT Transition Support
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC471 Datasheet(HTML) 18 Page - Semtech Corporation

Back Button SC471 Datasheet HTML 14Page - Semtech Corporation SC471 Datasheet HTML 15Page - Semtech Corporation SC471 Datasheet HTML 16Page - Semtech Corporation SC471 Datasheet HTML 17Page - Semtech Corporation SC471 Datasheet HTML 18Page - Semtech Corporation SC471 Datasheet HTML 19Page - Semtech Corporation SC471 Datasheet HTML 20Page - Semtech Corporation SC471 Datasheet HTML 21Page - Semtech Corporation SC471 Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
© 2008 Semtech Corp.
SC471/SC471A
www.semtech.com
POWER MANAGEMENT
The design goal is +/-4% output regulation. The internal
0.75V reference tolerance is 1%, assuming 1% tolerance
for the FB resistor divider, this allows 2% tolerance due to
VOUT ripple. Since this 2% error comes from 1/2 of the
ripple voltage, the allowable ripple is 4%, or 46mV for a
1.15V output.
The maximum ripple current of 4.05A creates a ripple
voltage across the ESR. The maximum ESR value allowed
would create 46mV ripple:
ESRMAX = VRIPPLE/IRIPPLEMAX = 46mV / 4.91A
ESRMAX = 9.4 mΩ
The output capacitance is typically chosen based on
transient requirements. A worst-case load release, from
maximum load to no load at the exact moment when
inductor current is at the peak, defines the required
capacitance. If the load release is instantaneous (load
changes from maximum to zero in a very small time), the
output capacitor must absorb all the inductor’s stored
energy. This will cause a peak voltage on the capacitor
according to the equation:
COUTMIN = L • (IOUT + 1/2 • IRIPPLEMAX)2 / (VPEAK2 - VOUT2)
With a peak voltage VPEAK of 1.230 (80mV rise above
1.15 upon load release), the required capacitance is:
COUTMIN = 0.7μH•(10 + 1/2•4.91)2/(1.242 - 1.152)
COUTMIN = 570μF
The above requirements (570μF, 9.4mΩ) will be met using
two capacitors, 330μF 6mΩ.
If the load release is relatively slow, the output capacitance
can be reduced. At heavy loads during normal switching,
when the FB pin is above the 0.75V reference, the DL
output is high and the low-side mosfet is on. During this
time, the voltage across the inductor is approximately
-VOUT. This causes a downslope or falling di/dt in the
inductor. If the load di/dt is not much faster than the
di/dt in the inductor, then the inductor current can track
change in load current, and there will be relatively less
overshoot from a load release.
Thefollowingcanusedtocalculatetheneededcapacitance
for a given dILOAD/dt.
Peak inductor current,
ILPEAK = ILOADMAX + 1/2 • IRIPPLEMAX
ILPEAK = 10 + 1/2 • 4.91 = 12.45A
Rate of change of Load current = dILOAD/dt
IMAX = maximum DC load current = 10A
COUT = ILPEAK • (L •ILPEAK / VOUT - IMAX/dILOAD /dt)
2 • (VPEAK - VOUT)
Example: Load dI/dt = 2.5A/μsec
This would cause the output current to move from 10A to
zero in 4μsec.
COUT = 12.45•(0.7μH•12.45/1.15 - 10/(2.5/1μsec)
2 •(1.23 - 1.15)
COUT = 278 μF
Stability Considerations
Unstable operation shows up in two related but distinctly
different ways: double-pulsing and fast-feedback loop
instability. double-pulsing occurs due to switching noise
seen at the FB input or because the ESR is too low, causing
insufficient voltage ramp in the FB signal. This causes
the error amplifier to trigger prematurely after the 350ns
minimum off-time has expired. double-pulsing will result
in higher ripple voltage at the output, but in most cases
is harmless. In some cases, however, double-pulsing can
indicate the presence of loop instability, which is caused
by insufficient ESR.
One simple way to solve this problem is to add some trace
resistance in the high current output path. A side effect
of doing this is output voltage droop with load. Another
way to eliminate doubling-pulsing is to add a small (e.g.
10pF) capacitor across the upper feedback resistor
divider network, (this capacitor is shown in Figure 14).
This capacitance should be left out until confirmation that
double-pulsing exists. Adding this capacitance will add
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com